Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 246 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 246 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 242Page - Texas Instruments OMAP3530ECBB Datasheet HTML 243Page - Texas Instruments OMAP3530ECBB Datasheet HTML 244Page - Texas Instruments OMAP3530ECBB Datasheet HTML 245Page - Texas Instruments OMAP3530ECBB Datasheet HTML 246Page - Texas Instruments OMAP3530ECBB Datasheet HTML 247Page - Texas Instruments OMAP3530ECBB Datasheet HTML 248Page - Texas Instruments OMAP3530ECBB Datasheet HTML 249Page - Texas Instruments OMAP3530ECBB Datasheet HTML 250Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 265 page
background image
mmcx_clk
mmcx_cmd
mmcx_dat[3:0]
HSSD5
HSSD5
HSSD6
HSSD6
HSSD1
HSSD2
030-107
mmcx_clk
mmcx_cmd
mmcx_dat[3:0]
HSSD3
HSSD7
HSSD4
HSSD8
HSSD1
HSSD2
030-106
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 6-136. Y Parameters
CLKD
Y
1 or Even
0.5
Odd
(trunk[CLKD/2])/CLKD
For details about clock division factor CLKD, see the OMAP35x Technical Reference Manual (TRM)
[literature number SPRUF98].
In mmcx, x is equal to 1, 2, or 3.
Figure 6-65. MMC/SD/SDIO – High-Speed SD Mode – Data/Command Receive
In mmcx, x is equal to 1, 2, or 3.
Figure 6-66. MMC/SD/SDIO – High-Speed SD Mode – Data/Command Transmit
6.7.1.5
MMC/SD/SDIO in Standard SD Mode
Table 6-138 and Table 6-139 assume testing over the recommended operating conditions and electrical
characteristic conditions (see Figure 6-67).
Table 6-137. MMC/SD/SDIO Timing Conditions – Standard SD Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Standard SD Mode
Input Conditions
tR
Input signal rise time
10
ns
tF
Input signal fall time
10
ns
Output Conditions
CLOAD
Output load capacitance
40
pF
246
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com