Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 252 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 252 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 248Page - Texas Instruments OMAP3530ECBB Datasheet HTML 249Page - Texas Instruments OMAP3530ECBB Datasheet HTML 250Page - Texas Instruments OMAP3530ECBB Datasheet HTML 251Page - Texas Instruments OMAP3530ECBB Datasheet HTML 252Page - Texas Instruments OMAP3530ECBB Datasheet HTML 253Page - Texas Instruments OMAP3530ECBB Datasheet HTML 254Page - Texas Instruments OMAP3530ECBB Datasheet HTML 255Page - Texas Instruments OMAP3530ECBB Datasheet HTML 256Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 265 page
background image
sdti_clk
sdti_txd[3:0]
Header
Header
Ad[7:4]
Ad[3:0]
Da[15:12]
Da[11:8]
Da[7:4]
Da[3:0]
SD1
SD2
SD3
SD3
030-112
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 6-146. System Debug Trace Interface Switching Characteristics – Single-Edge Mode (continued)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
tF(CLK)
Fall time, sdti_txd[3:0]
5
5
ns
Figure 6-71. System Debug Trace Interface – Single-Edge Mode
6.8.3
JTAG Interfaces
OMAP3530/25 JTAG TAP controller handles standard IEEE JTAG interfaces. The following sections
define the timing requirements for several tools used to test the OMAP3530/25 processors as:
•
Free running clock tool, like XDS560 and XDS510 tools
•
Adaptive clock tool, like RealView® ICE tool and Lauterbach™ tool
6.8.3.1
JTAG – Free Running Clock Mode
Table 6-148 and Table 6-149 assume testing over the recommended operating conditions and electrical
characteristic conditions (see Figure 6-72).
Table 6-147. JTAG Timing Conditions – Free Running Clock Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
5
ns
tF
Input signal fall time
5
ns
Output Conditions
CLOAD
Output load capacitance
30
pF
Table 6-148. JTAG Timing Requirements – Free Running Clock Mode(1)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
JT4
tc(tck)
Cycle time(2), jtag_tck period
25
33
ns
JT5
tw(tckL)
Typical pulse duration, jtag_tck low
0.5*P(3)
0.5*P(3)
ns
JT6
tw(tckH)
Typical pulse duration, jtag_tck high
0.5*P(3)
0.5*P(3)
ns
tdc(tck)
Duty cycle error, jtag_tck
–1250
1250
–1667
1667
ps
tj(tck)
Cycle jitter(4), jtag_tck
–1250
1250
–1667
1667
ps
JT7
tsu(tdiV-rtckH)
Setup time, jtag_tdi valid before jtag_rtck high
1.8
1.8
ns
JT8
th(tdiV-rtckH)
Hold time, jtag_tdi valid after jtag_rtck high
0.7
1
ns
JT9
tsu(tmsV-rtckH)
Setup time, jtag_tms valid before jtag_rtck high
1.8
1.8
ns
JT10
th(tmsV-rtckH)
Hold time, jtag_tms valid after jtag_rtck high
0.7
1
ns
JT12
tsu(emuxV-rtckH)
Setup time, jtag_emux(5) valid before jtag_rtck
14.6
19.8
ns
high
JT13
th(emuxV-rtckH)
Hold time,jtag_emux(5) valid after jtag_rtck high
2
2.7
ns
(1)
The timing requirements are assured for the cycle jitter and duty cycle error conditions specified.
(2)
Related with the input maximum frequency supported by the JTAG module.
(3)
P = jtag _tck period in ns.
(4)
Maximum cycle jitter supported by jtag _tck input clock.
(5)
x = 0 to 1
252
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com