Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 253 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 253 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 249Page - Texas Instruments OMAP3530ECBB Datasheet HTML 250Page - Texas Instruments OMAP3530ECBB Datasheet HTML 251Page - Texas Instruments OMAP3530ECBB Datasheet HTML 252Page - Texas Instruments OMAP3530ECBB Datasheet HTML 253Page - Texas Instruments OMAP3530ECBB Datasheet HTML 254Page - Texas Instruments OMAP3530ECBB Datasheet HTML 255Page - Texas Instruments OMAP3530ECBB Datasheet HTML 256Page - Texas Instruments OMAP3530ECBB Datasheet HTML 257Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 265 page
background image
jtag_tck
jtag_rtck
jtag_tdi
jtag_tms
jtag_emux(IN)
jtag_tdo
jtag_emux(OUT)
JT7
JT11
JT1
JT2
JT3
JT8
JT10
JT9
JT4
JT5
JT6
JT12
JT13
JT14
030-113
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 6-149. JTAG Switching Characteristics – Free Running Clock Mode
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
JT1
tc(rtck)
Cycle time(1), jtag_rtck period
25
33
ns
JT2
tw(rtckL)
Typical pulse duration, jtag_rtck low
0.5*PO(2)
0.5*PO(2)
ns
JT3
tw(rtckH)
Typical pulse duration, jtag_rtck high
0.5*PO(2)
0.5*PO(2)
ns
tdc(rtck)
Duty cycle error, jtag_rtck
–1250
1250
–1667
1667
ps
tj(rtck)
Jitter standard deviation(3), jtag_rtck
33.3
33.3
ps
tR(rtck)
Rise time, jtag_rtck
4
4
ns
tF(rtck)
Fall time, jtag_rtck
4
4
ns
JT11 td(rtckL-tdoV)
Delay time, jtag_rtck low to jtag_tdo valid
–5.8
5.8
–7.9
7.9
ns
tR(tdo)
Rise time, jtag_tdo
4
4
ns
tF(tdo)
Fall time, jtag_tdo
4
4
ns
JT14 td(rtckH-emuxV)
Delay time, jtag_rtck high to ,jtag_emux(4) valid
2.7
15.1
2.7
20.4
ns
tR(emux)
Rise time, jtag_emux(4)
6
6
ns
tF(emux)
Fall time, jtag_emux(4)
6
6
ns
(1)
Related with the jtag_rtck maximum frequency.
(2)
PO = jtag _rtck period in ns.
(3)
The jitter probability density can be approximated by a Gaussian function.
(4)
x = 0 to 1
In jtag_emux, x is equal to 0 to 1.
Figure 6-72. JTAG Interface Timing – Free Running Clock Mode
6.8.3.2
JTAG – Adaptive Clock Mode
Table 6-151 and Table 6-152 assume testing over the recommended operating conditions and electrical
characteristic conditions (see Figure 6-73):
Table 6-150. JTAG Timing Conditions – Adaptive Clock Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
5
ns
tF
Input signal fall time
5
ns
Copyright © 2008–2013, Texas Instruments Incorporated
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
253
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com