Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 257 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 257 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 253Page - Texas Instruments OMAP3530ECBB Datasheet HTML 254Page - Texas Instruments OMAP3530ECBB Datasheet HTML 255Page - Texas Instruments OMAP3530ECBB Datasheet HTML 256Page - Texas Instruments OMAP3530ECBB Datasheet HTML 257Page - Texas Instruments OMAP3530ECBB Datasheet HTML 258Page - Texas Instruments OMAP3530ECBB Datasheet HTML 259Page - Texas Instruments OMAP3530ECBB Datasheet HTML 260Page - Texas Instruments OMAP3530ECBB Datasheet HTML 261Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 265 page
background image
PREFIX
X
OMAP3530
D
X = Experimental Device
P = Prototype Device
blank= Production Device
DEVICE
PACKAGE TYPE
CBB = 515 pin s-PBGA
CBC = 515 pin s-PBGA
CUS = 423 pin s-PBGA
SILICON REVISION
CBB
( )
( )
blank = 0° C to 90° C (commercial temperature)
A
= -40° C to 105° C (extended temperature)
blank = 600 MHz Cortex - A8
= 720 MHz Cortex - A8
72
( )
blank = Tray
R
= Tape and Reel
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Predictions show that prototype devices (X or P), have a greater failure rate than the standard production
devices. Texas Instruments recommends that these devices not be used in any production system
because their expected end-use failure rate still is undefined. Only qualified production devices are to be
used.
For additional description of the device nomenclature markings, see the OMAP3530/25/15/03 Applications
Processor Silicon Errata (literature number SPRZ278).
A.
For more information on the silicon revision, please see the OMAP3530/25/15/03 Applications Processor Silicon
Errata (literature number SPRZ278).
Figure 7-1. Device Nomenclature
7.2.2
Documentation Support
7.2.2.1
Related Documentation from Texas Instruments
The following documents describe the OMAP3530/25 Applications Processor. Copies of these documents
are available on the Internet at www.ti.com. Tip: Enter the literature number in the search box provided at
www.ti.com.
The current documentation that describes the OMAP3530/25 Applications Processor, related peripherals,
and other technical collateral, is available in the product folder at: www.ti.com.
SPRUF98
OMAP35x Technical Reference Manual. Collection of documents providing detailed
information on the OMAP3 architecture including power, reset, and clock control, interrupts,
memory map, and switch fabric interconnect. Detailed information on the microprocessor unit
(MPU) subsystem, the image, video, and audio (IVA2.2) subsystem, as well a functional
description of the peripherals supported on OMAP35x devices is also included.
SPRU732
TMS320C64x/C64x+ DSP CPU and Instruction Set Reference Guide.Describes the CPU
architecture, pipeline, instruction set, and interrupts for the TMS320C64x and TMS320C64x+
digital signal processors (DSPs) of the TMS320C6000 DSP family. The C64x/C64x+ DSP
generation comprises fixed-point devices in the C6000 DSP platform. The C64x+ DSP is an
enhancement of the C64x DSP with added functionality and an expanded instruction set.
SPRU871
TMS320C64x+ DSP Megamodule Reference Guide.Describes the TMS320C64x+ digital
signal processor (DSP) megamodule. Included is a discussion on the internal direct memory
access (IDMA) controller, the interrupt controller, the power-down controller, memory
protection, bandwidth management, and the memory and cache.
SPRU889
High-Speed DSP Systems Design Reference Guide. Provides recommendations for
meeting the many challenges of high-speed DSP system design. These recommendations
include information about DSP audio, video, and communications systems for the C5000 and
C6000 DSP platforms.
Copyright © 2008–2013, Texas Instruments Incorporated
PACKAGE CHARACTERISTICS
257
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com