Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 135 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 135 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 131Page - Texas Instruments OMAP3530ECBB Datasheet HTML 132Page - Texas Instruments OMAP3530ECBB Datasheet HTML 133Page - Texas Instruments OMAP3530ECBB Datasheet HTML 134Page - Texas Instruments OMAP3530ECBB Datasheet HTML 135Page - Texas Instruments OMAP3530ECBB Datasheet HTML 136Page - Texas Instruments OMAP3530ECBB Datasheet HTML 137Page - Texas Instruments OMAP3530ECBB Datasheet HTML 138Page - Texas Instruments OMAP3530ECBB Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 265 page
background image
sys_xtalin
sys_xtalout
OMAP Device
Crystal
OptionalRbias
OptionalRd
Cf2
Cf1
030-008
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
•
sys_clkout2 can output the oscillator clock (12, 13, 16.8, 19.2, 26, or 38.4 MHz), core_clk (core DPLL
output), 96 MHz or 54 MHz. It can be divided by 2, 4, 8, or 16 and its off state polarity is
programmable. This output is active only when the core power domain is active.
For more information on the OMAP3530/25 Applications Processor clocking structure, see the Power,
Reset, and Clock management (PRCM) chapter of the OMAP35x Applications Processor TRM (literature
number SPRUFA5).
4.1
Input Clock Specifications
The clock system accepts three input clock sources:
•
32-kHz digital CMOS clock
•
Crystal oscillator clock or CMOS digital clock (12, 13, 16.8, 19.2, 26, or 38.4 MHz)
•
Alternate clock (48 or 54 MHz, or other up to 59 MHz)
4.1.1
Clock Source Requirements
Table 4-1 illustrates the requirements to supply a clock to the OMAP3530/25 device.
Table 4-1. Clock Source Requirements
PAD
CLOCK FREQUENCY
STABILITY
DUTY CYCLE
JITTER
TRANSITION
sys_xtalout
12, 13, 16.8, or 19.2 MHz
Crystal
± 25 ppm
na
na
na
sys_xtalin
12, 13, 16.8, 19.2, 26, or 38.4 MHz
Square
± 50 ppm
45% to 55%
< 1%
< 3.6 ns
sys_altclk
48,54 or up to 59 MHz
± 50 ppm
40% to 60%
< 1%
< 5 ns
4.1.2
External Crystal Description
To supply a 12-, 13-, 16.8-, or 19.2-MHz clock to the OMAP3530/25, an external crystal can be connected
to the sys_xtalin and sys_xtalout pins. Figure 4-2 describes the crystal implementation.
Figure 4-2. Crystal Implementation(1) (2) (3) (4)
(1) On the PCB, the oscillator components (crystal, foot capacitors, optional Rbias and Rd) must be located close to the package. All these
components must be routed first with the lowest possible number of board vias.
(2) An optional resistor Rd can be added in series with the crystal to debug or filter the harmonics; a footprint must be reserved on the PCB
for use with 10-MHz crystals and feature low-drive levels.
(3) A 120-k
Ω internal bias resistor Rbias is used. The feedback resistor Rbias provides negative feedback to the oscillator to put it in the
Copyright © 2008–2013, Texas Instruments Incorporated
CLOCK SPECIFICATIONS
135
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com