Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 138 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 138 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 134Page - Texas Instruments OMAP3530ECBB Datasheet HTML 135Page - Texas Instruments OMAP3530ECBB Datasheet HTML 136Page - Texas Instruments OMAP3530ECBB Datasheet HTML 137Page - Texas Instruments OMAP3530ECBB Datasheet HTML 138Page - Texas Instruments OMAP3530ECBB Datasheet HTML 139Page - Texas Instruments OMAP3530ECBB Datasheet HTML 140Page - Texas Instruments OMAP3530ECBB Datasheet HTML 141Page - Texas Instruments OMAP3530ECBB Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 265 page
background image
sys_32k
CK0
CK1
CK1
030-012
sys.xtalin
OCS0
OCS1
OCS1
030-011
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Figure 4-4. Crystal Oscillator in Bypass Mode
4.1.4
External 32-kHz CMOS Input Clock
A 32.768-kHz clock signal (often abbreviated to 32-kHz) can be supplied by an external 1.8-V CMOS
signal on pin sys_32k.
Table 4-6 summarizes the electrical constraints imposed to the clock source.
Table 4-6. 32-kHz Input Clock Source Electrical Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
f
Frequency
32.768
kHz
CI
Input capacitance
0.44
pF
RI
Input resistance
0.25
106
G
Ω
Table 4-7 details the input requirements of the 32-kHz input clock.
Table 4-7. 32-kHz Input Clock Source Timing Requirements(1)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
CK0
1 / tc(32k)
Frequency, sys_32k
32.768
kHz
CK3
tR(32k)
Rise time, sys_32k
20
ns
CK4
tF(32k)
Fall time, sys_32k
20
ns
CK5
tJ(32k)
Frequency stability, sys_32k
±200
ppm
(1)
See Table 3-4, Electrical Characteristics, Standard LVCMOS IOs part for sys_32k VIH/VIL parameters.
Figure 4-5. 32-kHz CMOS Clock
4.1.5
External sys_altclk CMOS Input Clock
A 48-, 54-, or up to 59- MHz clock signal can be supplied by an external 1.8-V CMOS signal on pin
sys_altclk.
Table 4-8 summarizes the electrical constraints imposed by the clock source.
Table 4-8. 48-, 54-, or up to 59- MHz Input Clock Source Electrical Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
f
Frequency , sys_altclk
48-, 54-, or up to 59- MHz
MHz
CI
Input capacitance
0.74
pF
RI
Input resistance
0.25
106
G
Ω
138
CLOCK SPECIFICATIONS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com