Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 144 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 144 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 140Page - Texas Instruments OMAP3530ECBB Datasheet HTML 141Page - Texas Instruments OMAP3530ECBB Datasheet HTML 142Page - Texas Instruments OMAP3530ECBB Datasheet HTML 143Page - Texas Instruments OMAP3530ECBB Datasheet HTML 144Page - Texas Instruments OMAP3530ECBB Datasheet HTML 145Page - Texas Instruments OMAP3530ECBB Datasheet HTML 146Page - Texas Instruments OMAP3530ECBB Datasheet HTML 147Page - Texas Instruments OMAP3530ECBB Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
4.3.3
DPLLs and DLL Characteristics
Several specifications characterize the seven DPLLs.
Table 4-14 summarizes the DPLL characteristics and assumes testing over recommended operating
conditions.
Table 4-14. DPLL Characteristics
NAME
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS(1)
vdds_dpll_per
1.71
1.8
1.89
V
At ball level (+5%, +10%)
vdds_dpll_dll
1.71
1.8
1.89
V
TJ
Junction temperature
–40
25
105
°C
Will not unlock after lock over this range for
slow temperature drifts
finput
Input reference frequency(2)
0.75
65
MHz
FINP
finternal
Internal reference frequency
0.75
2.1
MHz
FREQSEL3 = 0; FINT = FINP/(N+1)
7.5
21
MHz
FREQSEL3 = 1; FINT = FINP/(N+1)
foutput
CLKOUT output frequency
25
900
MHz
foutput*2
CLKOUTx2 output
50
1800
MHz
frequency
tlock
Frequency lock time(3)
71.4
200
μs
150 FINT cycles; FREQSEL3 = 0
37.1
104
μs
780 FINT cycles; FREQSEL3 = 1
plock
Phase lock time
166.7
466.7
μs
350 FINT cycles; FREQSEL3 = 0
46.7
130.7
μs
980 FINT cycles; FREQSEL3 = 1
trelock
Relock time – frequency
4.8
13.3
μs
10 FINT cycles
lock(4)
Lowcurrstby = 0; FREQSEL3 = 0
4.8
13.3
μs
100 FINT cycles
Lowcurrstby = 0; FREQSEL3 = 1
19
53.3
μs
40 FINT cycles
Lowcurrstby = 1; FREQSEL3 = 0
19
53.3
μs
400 FINT cycles
Lowcurrstby = 1; FREQSEL3 = 1
prelock
Relock time – Phase lock(4)
71.4
200
μs
150 FINT cycles
Lowcurrstby = 0; FREQSEL3 = 0
11.9
33.3
μs
250 FINT cycles
Lowcurrstby = 0; FREQSEL3 = 1
95.2
266.7
μs
200 FINT cycles
Lowcurrstby = 1; FREQSEL3 = 0
26.7
74.7
μs
560 FINT cycles
Lowcurrstby = 1; FREQSEL3 = 1
(1)
freqsel needs to be programmed accordingly to reference clock and DPLL divider (register setting), Lowcurrstdby depends on the targeted
DPLL power state (dynamic).
Lowcurrstdby = 0 then DPLL is in normal mode
Lowcurrstdby = 1 then DPLL is in low-power mode
(2)
Input frequencies below 0.75 MHz are possible with performance penalty.
(3)
Maximum frequency for nominal conditions. Speed binning possible above fmax.
(4)
Relock time assumes typical operating conditions, 4°C maximum temperature drift (see the Functional Specification for more detailed
information).
144
CLOCK SPECIFICATIONS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com