Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 146 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 146 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 142Page - Texas Instruments OMAP3530ECBB Datasheet HTML 143Page - Texas Instruments OMAP3530ECBB Datasheet HTML 144Page - Texas Instruments OMAP3530ECBB Datasheet HTML 145Page - Texas Instruments OMAP3530ECBB Datasheet HTML 146Page - Texas Instruments OMAP3530ECBB Datasheet HTML 147Page - Texas Instruments OMAP3530ECBB Datasheet HTML 148Page - Texas Instruments OMAP3530ECBB Datasheet HTML 149Page - Texas Instruments OMAP3530ECBB Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 4-18. DPLL3 Clock Frequency Ranges, VDD2 OPP2 (continued)
Config 1
Config 2
(83 MHz)
(100 MHz)
Unit
Clock Signal
Description
Min
Max
Min
Max
Output of clock manager (CM), generated using
CM: L4_ICLK
-
41.5
-
50
MHz
CM L3_ICLK and divider.
SGX
SGX input clock, taken from CM CORE_CLK.
-
55.53
-
66.67
MHz
SDRC
SDRC input clock, taken from CM L3_ICLK.
-
83
-
100
MHz
GPMC
GPMC input clock, taken from CM L3_ICLK.
-
41.5
-
50
MHz
Table 4-19. DPLL3 Clock Frequency Ranges, VDD2 OPP1(1)
Config 1
Config 2
(40 MHz)
(50 MHz)
Unit
Clock Signal
Description
Min
Max
Min
Max
Output of clock manager (CM), generated directly
CM: CORE_CLK
-
83
-
100
MHz
from DPLL3.
Output of clock manager (CM), generated using
CM: L3_ICLK
-
41.5
-
50
MHz
DPLL3.
Output of clock manager (CM), generated using CM
CM: L4_ICLK
-
20.75
-
25
MHz
L3_ICLK and divider.
SGX
SGX input clock, taken from CM CORE_CLK.
-
N/A
-
N/A
MHz
SDRC
SDRC input clock, taken from CM L3_ICLK.
-
41.5
-
50
MHz
GPMC
GPMC input clock, taken from CM L3_ICLK.
-
41.5
-
25
MHz
(1)
Cannot boot in OPP1. If OPP1 is desired, boot in higher OPP then switch to OPP1.
Table 4-20 summarizes the DLL characteristics.
Table 4-20. DLL Characteristics
PARAMETER
MIN
NOM
MAX
UNIT
COMMENTS
Supply voltage vdds_dpll_dll
1.71
1.8
1.89
V
Junction operating temperature
–40
25
105
°C
Input clock frequency
66
120
133
MHz
APPLICATION MODE 0
83
120
166
APPLICATION MODE 1
Input load(1)
15
fF
Lock time(2)
500
Clocks
Relock time
500
ns
IDLE to MODEMAXDELAY
(Mode transitions through idle mode)
150
372
Clocks
IDLE to APPLICATION MODE 1 or 0
1
2
μs
IDLE to APPLICATION MODE @133 MHz
1
1.5
μs
IDLE to APPLICATION MODE @166 MHz
(1)
This parameter is design goal and is not tested on silicon.
(2)
Lock signal would go high from power down within 500 clocks. Lock signal switches to low state when the input clock is switched off
after 3
μs.
146
CLOCK SPECIFICATIONS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com