Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 151 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 151 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 147Page - Texas Instruments OMAP3530ECBB Datasheet HTML 148Page - Texas Instruments OMAP3530ECBB Datasheet HTML 149Page - Texas Instruments OMAP3530ECBB Datasheet HTML 150Page - Texas Instruments OMAP3530ECBB Datasheet HTML 151Page - Texas Instruments OMAP3530ECBB Datasheet HTML 152Page - Texas Instruments OMAP3530ECBB Datasheet HTML 153Page - Texas Instruments OMAP3530ECBB Datasheet HTML 154Page - Texas Instruments OMAP3530ECBB Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
(TMIN to TMAX, vdda_dac = 1.8 V, ROUT1/2 = 1650 Ω, RLOAD = 75 Ω, unless otherwise noted)
Table 5-3. Video DAC – Dynamic Electrical Specification
PARAMETER
CONDITIONS/ASSUMPTIONS
MIN
TYP
MAX
UNIT
fCLK
(1)
Output update rate
Equal to input clock frequency
54
MHz
Clock jitter
rms clock jitter required in order to assure 10-
40
ps
bit accuracy
Attenuation at 5.1 MHz
Corner frequency for signal
0.1
0.5
1.5
dB
Attenuation at 54 MHz(1)
Image frequency
25
30
33
dB
tST
Output settling time
Time from the start of the output transition to
85
ns
output within ± 1 LSB of final value.
tRout
Output rise time
Measured from 10% to 90% of full-scale
25
ns
transition
tFout
Output fall time
Measured from 10% to 90% of full-scale
25
ns
transition
BW
Signal bandwidth
6
MHz
Differential gain(2)
1.5%
Differential phase(2)
1
deg.
SFDR
Within bandwidth
fCLK = 54 MHz, fOUT = 1 MHz
45
dB
SNR
Signal-to-noise ratio
fCLK = 54 MHz, fOUT = 1 MHz
55(3)
dB
1 kHz to 6 MHz bandwidth
PSRR
Power supply rejection ratio
Up to 6 MHz
20(4)
dB
Crosstalk
Between the two video
–50
–40
dB
channels
(1)
For internal input clock information, For more information, see the DSS chapter of the OMAP35x Technical Reference Manual (TRM)
[literature number SPRUF98].
(2)
The differential gain and phase value is for dc coupling. Note that there is degradation for the ac coupling.
(3)
The SNR value is for dc coupling. Note that there is a 6-dB degradation for ac coupling.
(4)
The PSSR value is for dc coupling. Note that there is a 10-dB degradation for ac coupling.
Copyright © 2008–2013, Texas Instruments Incorporated
VIDEO DAC SPECIFICATIONS
151
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com