Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 152 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 152 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 148Page - Texas Instruments OMAP3530ECBB Datasheet HTML 149Page - Texas Instruments OMAP3530ECBB Datasheet HTML 150Page - Texas Instruments OMAP3530ECBB Datasheet HTML 151Page - Texas Instruments OMAP3530ECBB Datasheet HTML 152Page - Texas Instruments OMAP3530ECBB Datasheet HTML 153Page - Texas Instruments OMAP3530ECBB Datasheet HTML 154Page - Texas Instruments OMAP3530ECBB Datasheet HTML 155Page - Texas Instruments OMAP3530ECBB Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 265 page
background image
1
100kHz
1MHz
10
PSRR(%FSR/V)
f
Firstpoleof
DACoutputload
030-019
AC
OUTFS
OUT
DAC
V
I
I
PSRR
D
×
=
100
%FSR
V
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
5.3
Analog Supply (vdda_dac) Noise Requirements
In order to assure 10-bit accuracy of the DAC analog output, the analog supply vdda_dac has to meet the
noise requirements stated in this section.
The DAC Power Supply Rejection Ratio is defined as the relative variation of the full-scale output current
divided by the supply variation. Thus, it is expressed in percentage of Full-Scale Range (FSR) per volt of
supply variation as shown in the following equation:
Depending on frequency, the PSRR is defined in Table 5-4.
Table 5-4. Video DAC – Power Supply Rejection Ratio
Supply Noise Frequency
PSRR % FSR/V
0 to 100 kHz
1
> 100 kHz
The rejection decreases 20 dB/dec.
Example: at 1 MHz the PSRR is 10% of FSR/V
A graphic representation is shown in Figure 5-2.
Figure 5-2. Video DAC – Power Supply Rejection Ratio
To ensure that the DAC SFDR specification is met, the PSRR values and the clock jitter requirements
translate to the following limits on vdda_dac (for the Video DAC).
The maximum peak-to-peak noise on vdda (ripple) is defined in Table 5-5:
Table 5-5. Video DAC – Maximum Peak-to-Peak Noise on vdda_dac
Tone Frequency
Maximum Peak-to-Peak Noise on vdda_dac
0 to 100 kHz
< 30 mVpp
> 100 kHz
Decreases 20 dB/dec.
Example: at 1 MHz the maximum is 3 mVpp
The maximum noise spectral density (white noise) is defined in Table 5-6:
Table 5-6. Video DAC – Maximum Noise Spectral Density
Supply Noise Bandwidth
Maximum Supply Noise Density
0 to 100 kHz
< 20
μV / √Hz
> 100 kHz
Decreases 20 dB/dec.
Example: at 1 MHz the maximum noise density is 2
μ / √Hz
152
VIDEO DAC SPECIFICATIONS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com