Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7321 Datasheet(PDF) 23 Page - Microchip Technology

Part # HV7321
Description  4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7321 Datasheet(HTML) 23 Page - Microchip Technology

Back Button HV7321 Datasheet HTML 19Page - Microchip Technology HV7321 Datasheet HTML 20Page - Microchip Technology HV7321 Datasheet HTML 21Page - Microchip Technology HV7321 Datasheet HTML 22Page - Microchip Technology HV7321 Datasheet HTML 23Page - Microchip Technology HV7321 Datasheet HTML 24Page - Microchip Technology HV7321 Datasheet HTML 25Page - Microchip Technology HV7321 Datasheet HTML 26Page - Microchip Technology HV7321 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
 2016 Microchip Technology Inc.
DS20005639A-page 23
HV7321
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Legend:
XX...XProduct Code or Customer-specific information
YYear code (last digit of calendar year)
YYYear code (last 2 digits of calendar year)
WWWeek code (week of January 1 is week ‘01’)
NNNAlphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
3
e
3
e
64-Lead VQFN (9 x 9 x 1.0 mm)
Example
HV7321K6
1642256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com