Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7321 Datasheet(PDF) 17 Page - Microchip Technology

Part # HV7321
Description  4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7321 Datasheet(HTML) 17 Page - Microchip Technology

Back Button HV7321 Datasheet HTML 13Page - Microchip Technology HV7321 Datasheet HTML 14Page - Microchip Technology HV7321 Datasheet HTML 15Page - Microchip Technology HV7321 Datasheet HTML 16Page - Microchip Technology HV7321 Datasheet HTML 17Page - Microchip Technology HV7321 Datasheet HTML 18Page - Microchip Technology HV7321 Datasheet HTML 19Page - Microchip Technology HV7321 Datasheet HTML 20Page - Microchip Technology HV7321 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
 2016 Microchip Technology Inc.
DS20005639A-page 17
HV7321
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin
Symbol
Description
1CWIN0
External CW input for channel 0
2
SEL1
SEL input logic pin selects transmission high-voltage rails for channel 1. If SEL = 0,
select VPP0/VNN0. If SEL = 1, select VPP1/VNN1. See Table 1-1.
3NEG1
NEG input logic pin turns on/off corresponding output N-channel MOSFET for
channel 1. See Table 1-1.
4POS1
POS input logic pin turns on/off corresponding output P-channel MOSFET for channel 1.
See Table 1-1.
5CWIN1
External CW input for channel 1
6OEN
Output enable logic input pin. When OEN = VLL, the transmitter outputs are enabled.
When OEN = 0, the transmitter outputs are disabled.
7PWS
Logic input pin. When PWS = 0, the output FETs for VPP1 and VNN1 are scaled down to
reduce the output current for CW Mode-0.
8
CLK
Re-timing clock input pin. Connect CLK to ground for transparent mode.
9, 22, 59
GND
Ground
10
VLL
Input logic power supply pin
11
REN
Enable pin for the built-in voltage regulators.See section Section 4.3 “Operation
Modes”
for details.
12
SEL2
SEL input logic pin selects transmission high-voltage rails for channel 2. If SEL = 0,
select VPP0/VNN0. If SEL = 1, select VPP1/VNN1. See Table 1-1.
13
NEG2
NEG input logic pin turns on/off corresponding output N-channel MOSFET for
channel 2. See Table 1-1.
14
POS2
POS input logic pin turns on/off corresponding output P-channel MOSFET for channel 2.
See Table 1-1.
15
CWIN2
External CW input for channel 2
16
SEL3
SEL input logic pin selects transmission high-voltage rails for channel 3. If SEL = 0,
select VPP0/VNN0. If SEL = 1, select VPP1/VNN1. See Table 1-1.
17
NEG3
NEG input logic pin turns on/off corresponding output N-channel MOSFET for
channel 3. See Table 1-1.
18
POS3
POS input logic pin turns on/off corresponding output P-channel MOSFET for channel 3.
See Table 1-1.
19
CWIN3
External CW input for channel 3
20
OTPN
Temperature sensor open drain output
21, 60
VDD
+5V supply
23
VGP
+10V supply pin for the linear regulator
24, 25, 56, 57
VPP0
Positive high-voltage supply pin. VPP0 must be equal to or greater than VPP1.
26, 55
CPF0
Internal linear regulator output pin. Connect 2 µF 10V capacitor to VPP0.
27, 54
CNF0
Internal linear regulator output pin. Connect 2 µF 10V capacitor to VNN0.
28, 29, 52, 53
VNN0
Negative high-voltage supply pin. VNN0 must be equal to or more negative than VNN1,2
30, 51
VNN2
Negative high-voltage supply pin. VNN2 connects to the most negative supply rail.
31, 50
VNN1
Negative high-voltage supply pin. VNN1 must be equal to or less negative than VNN0.
32, 49
CNF1
Internal linear regulator output pin. Connect 2 µF 10V capacitor to VNN1.
33, 48
CPF1
Internal linear regulator output pin. Connect 2 µF 10V capacitor to VPP1.
34, 47
VPP1
Positive high voltage supply VPP1. Must be equal to or lower than VPP0.
35
TX3
Channel 3 transmitter output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com