Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7321 Datasheet(PDF) 12 Page - Microchip Technology

Part # HV7321
Description  4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7321 Datasheet(HTML) 12 Page - Microchip Technology

Back Button HV7321 Datasheet HTML 8Page - Microchip Technology HV7321 Datasheet HTML 9Page - Microchip Technology HV7321 Datasheet HTML 10Page - Microchip Technology HV7321 Datasheet HTML 11Page - Microchip Technology HV7321 Datasheet HTML 12Page - Microchip Technology HV7321 Datasheet HTML 13Page - Microchip Technology HV7321 Datasheet HTML 14Page - Microchip Technology HV7321 Datasheet HTML 15Page - Microchip Technology HV7321 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
HV7321
DS20005639A-page 12
 2016 Microchip Technology Inc.
TABLE 1-2:
INPUT OUTPUT LOGIC TRUTH TABLE (WITH CLK RE-TIMING, CLK
 10MHZ)
Function
OTPN
Logic Inputs
TX
Output
RTZSW
&
TRSW
CWSW
RXDMP
OEN
MODE
PWS
CLK
SEL
NEG
POS
Pulsed-Echo
Mode (1)
11
0
1
↑
000
RTZ
OFF
OFF
ON
11
0
1
↑
001
VPP0
OFF
OFF
ON
11
0
1
↑
010
VNN0
OFF
OFF
ON
11
0
1
↑
011
RTZ+(4)
ON
OFF
OFF
11
0
1
↑
100
RTZ
OFF
OFF
ON
11
0
1
↑
101
VPP1
OFF
OFF
ON
11
0
1
↑
110
VNN1
OFF
OFF
ON
11
0
1
↑
111
high Z
OFF
OFF
ON
CW Mode-0 (2)
11
0
0
↑
000
RTZ
OFF
OFF
ON
11
0
0
↑
001
VPP0
OFF
OFF
ON
11
0
0
↑
010
VNN0
OFF
OFF
ON
11
0
0
↑
011
RTZ+(4)
ON
OFF
OFF
11
0
0
↑
100
RTZ
OFF
OFF
ON
11
0
0
↑
101
VPP1
OFF
OFF
ON
11
0
0
↑
110
VNN1
OFF
OFF
ON
11
0
0
↑
111
high Z
OFF
OFF
ON
CW Mode-1 (3)
11
1
x
x
other than 011
high Z
OFF
ON
ON
011
RTZ+(4)
ON
OFF
OFF
Device
Disabled
x
0
x
x
xxx
x
high Z
OFF
OFF
ON
Thermal
Protection
Activated
0
x
x
x
xxx
x
high Z
OFF
OFF
ON
Note
1:
In Pulsed-Echo mode, low duty cycle must be used due to the IC power dissipation limit.
2:
When PWS = 0, VPP1/VNN1 output current is reduced for low-voltage CW mode-0. VPP0/VNN0 output current is
unaffected when PWS = 1, as in Pulsed-Echo mode.
3:
In CW MODE = 1, the CWSW is turned on to use external CW waveform at CWIN, if the channel
SEL =NEG =POS =0.
4:
When SEL = 0, NEG = 1, POS = 1, the channel is in Receiving mode (RTZ+).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com