Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7321 Datasheet(PDF) 6 Page - Microchip Technology

Part # HV7321
Description  4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7321 Datasheet(HTML) 6 Page - Microchip Technology

Back Button HV7321 Datasheet HTML 2Page - Microchip Technology HV7321 Datasheet HTML 3Page - Microchip Technology HV7321 Datasheet HTML 4Page - Microchip Technology HV7321 Datasheet HTML 5Page - Microchip Technology HV7321 Datasheet HTML 6Page - Microchip Technology HV7321 Datasheet HTML 7Page - Microchip Technology HV7321 Datasheet HTML 8Page - Microchip Technology HV7321 Datasheet HTML 9Page - Microchip Technology HV7321 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
HV7321
DS20005639A-page 6
 2016 Microchip Technology Inc.
VDD Current
IDDEN
—0.9
1.0
mA
f = 0 MHz
fCLK = 0 MHz
MODE = 0 or 1
VPP0 Current
IPP0EN
—
0.1
0.13
mA
VNN0 Current
INN0EN
-0.12
-0.1
—
mA
VPP1 Current
IPP1EN
—
0.1
0.13
mA
VNN1 Current
INN1EN
-0.12
-0.1
—
mA
VNN2 Current
INN2EN
-0.05
-0.03
—
mA
VLL Current with Re-Timing
ILLRT
—
0.11
0.3
mA
fCLK = 80 MHz
TX one-channel output, no load,
continuous, Note 1
VDD Current with Re-Timing
IDDRT
—7.08
8
mA
VLL Max. Current of SEL = 0/1
ILL5
—23
40
μA
CLK = 0
PWS = 1
MODE = 0
IPP05/INN05 and IPP15/INN15 are
calculated using TX one channel
output continuous, no load, at
5MHz.
VDD Max. Current of SEL = 0/1
IDD5
—1.5
1.7
mA
VGP Max. Current of SEL = 0/1
IGP5
—2.6
4
mA
VGN Max. Current of SEL = 0/1
IGN5
-14
-9
—
mA
VPP0 Current of SEL = 0 (1)
IPP05
—
136
146
mA
VNN0 Current of SEL = 0 (1)
INN05
-132
-125
—
mA
VPP1 Current of SEL = 1 (1)
IPP15
—
148
158
mA
VNN1 Current of SEL = 1 (1)
INN15
-150
-143
—
mA
VGP Current of SEL = 1
IGPCW
—
1.0
2.0
mA
TX one-channel output 5 MHz,
continuous, no load
VPP1/VNN1 =±5V
PWS = MODE = 0
CW Mode-0, Note 1
VGN Current of SEL = 1
IGNCW
-8.0
-5.0
—
mA
VPP1 Current of SEL = 1
IPP1CW
—17
26
mA
VNN1 Current of SEL = 1
INN1CW
-20
-15
—
mA
CWSW High-Voltage Analog Switch
CW Switch Input Voltage
VCWIN0–3
-7.0
—
+7.0
V
CWSW Analog Switch
On-Resistance (1)
RCWSW
—
26.5
35
Ω
ICWSW = ±100 mA
TRSW Off Withstand Voltage
VCWSW
-80
—
+80
V
ISW = ±1.0 μA
CWSW Off Capacitance to GND
CCWSW
—5.0
—
pF
MODE = 1, 1 MHz, 0 dBm,
DC 0V, Note 1
CWSW On Capacitance to GND
—
60
—
CWSW Switching On Time
tCWSW
—
800
1100
ns
50% MODE rise to CWSW on/off
Note 1
CWSW Switching Off Time
—
66
90
TX Output P-Channel MOSFET on VPP0
On-Resistance
RON_P0
—8.5
19
Ω
ISD = 100 mA
Peak Output Current
IOUT_P0
11.5
—
A
VPP0 = +25V, RL = 1.0Ω to GND
Note 1
2.0
2.8
—
A
VPP0 = +80V, RL = 1.0Ω to GND
Note 1
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical specifications:
VLL = +2.5V, VDD = +5.0V, VPP0,1 = +80V, VNN0,1,2 = -80V, VGP = +10V, VGN = -10V,
VSUB = 0V, PWS = OEN = REN = 1, TA = 25°C, unless otherwise specified. Parameters in Bold apply over the
operating temperature range of T
A = TJ = 0 to +85°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1:
Characterized only; not 100% tested in production.
2:
Design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com