Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7321 Datasheet(PDF) 1 Page - Microchip Technology

Part # HV7321
Description  4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7321 Datasheet(HTML) 1 Page - Microchip Technology

  HV7321 Datasheet HTML 1Page - Microchip Technology HV7321 Datasheet HTML 2Page - Microchip Technology HV7321 Datasheet HTML 3Page - Microchip Technology HV7321 Datasheet HTML 4Page - Microchip Technology HV7321 Datasheet HTML 5Page - Microchip Technology HV7321 Datasheet HTML 6Page - Microchip Technology HV7321 Datasheet HTML 7Page - Microchip Technology HV7321 Datasheet HTML 8Page - Microchip Technology HV7321 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
 2016 Microchip Technology Inc.
DS20005639A-page 1
HV7321
Features
• Power Sequencing Free 5 Output Levels
including RTZ (Return-to-Zero)
• -44 dB Single-Cycle Pulse-Inversion Second
Harmonic Distortion (HD2) at 5 MHz
• Output Voltage up to ±80V
• ±2.5A Peak Output Current
• ±300 mA Current from VPP1/VNN1 in CW Mode-0
• Integrated T/R Switch & RX Damper Switch
• Bleeder Switches Achieve True Zero during RTZ
• Supports Both Transparent and Re-Timing Mode
• Re-Timing Clock Frequency Supports up to
220 MHz
• Built-In Output Protection Diodes and Clamp
Diodes
• +2.5/+3.3V Input Logic
• Built-In CW Switches to Pair with External CW
Transmitters (CW Mode-1)
• 9 mm x 9 mm 64-Lead VQFN Package
Applications
• Medical Ultrasound Imaging Systems
• NDT Ultrasound
• Piezoelectric or Capacitive Transducer Drivers
General Description
The HV7321 is a 4-channel, 5-level, ultrasound
transmitter with built-in T/R switches, output protection
diodes and clamp diodes. The HV7321 can provide up
to ±2.5A and the output voltage swing can be up to
±80V. The HV7321 supports both Transparent and
Re-Timing mode. The re-timing clock frequency can
support up to 220 MHz. The re-timing feature helps
reduce the output jitter introduced by the driving the
field-programmable gate array (FPGA).
The
HV7321
has
two
different
modes
for
CW transmission, CW-Mode 0 and CW-Mode 1.
In CW-Mode 0 (Mode = 0, PWS = 0), the VPP1 and
VNN1 rails are used for CW transmission. The output
current is reduced in CW Mode-0.
In CW-Mode 1, the HV7321 accepts the output of an
external CW beamformer as CW source.
The HV7321 is LVCMOS 2.5V/3.3V input compatible,
which can be interfaced with the FPGA directly.
The HV7321 is available in a 9 mm x 9 mm 64-Lead
VQFN package.
4-Ch. 5-Level ±80V High-Voltage Ultrasound Pulser with T/R Switches


Similar Part No. - HV7321

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV732 SUTEX-HV732 Datasheet
332Kb / 10P
High Speed 짹100V 2A Integrated Ultrasound Pulser
logo
KOA Speer Electronics, ...
HV732ATTD1004D KOA-HV732ATTD1004D Datasheet
83Kb / 2P
flat chip resistors for high voltage
HV732ATTD1004D KOA-HV732ATTD1004D Datasheet
232Kb / 2P
flat chip resistors for high voltage
HV732ATTD1004F KOA-HV732ATTD1004F Datasheet
83Kb / 2P
flat chip resistors for high voltage
HV732ATTD1004F KOA-HV732ATTD1004F Datasheet
232Kb / 2P
flat chip resistors for high voltage
More results

Similar Description - HV7321

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
High Speed 짹100V 3.0A Ultrasound Pulser
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
Quad High Speed 짹90V 2.2A Ultrasound Pulser
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
Ultrasound Transmit Pulser
LM96550 TI1-LM96550 Datasheet
1Mb / 14P
LM96550 Ultrasound Transmit Pulser
logo
Supertex, Inc
HV7360 SUTEX-HV7360 Datasheet
932Kb / 8P
High Speed, 100V 2.5A, Two or Three Level Ultrasound Pulser
logo
Texas Instruments
LM96550 TI1-LM96550_14 Datasheet
416Kb / 15P
Ultrasound Transmit Pulser
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
Ultrasound Transmit Pulser
logo
Maxim Integrated Produc...
MAX14813 MAXIM-MAX14813 Datasheet
671Kb / 54P
Ultra-Compact Octal 3L/Quad 5L Pulser with T/R Switches and Beamforming Capability
2019
logo
STMicroelectronics
STHV1600 STMICROELECTRONICS-STHV1600 Datasheet
1Mb / 4P
16 channel ±100 V, ±2/±4 A, 5/3 level with RTZ, T/R switch, high-speed ultrasound pulser with integrated transmit beamformer
May 2020 Rev 2
STHV748S STMICROELECTRONICS-STHV748S Datasheet
280Kb / 5P
Quad ± 90 V, ± 2 A, 3/5 level, ESD-enhanced high-speed ultrasound pulser
02-Dec-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com