Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7321 Datasheet(PDF) 8 Page - Microchip Technology

Part # HV7321
Description  4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7321 Datasheet(HTML) 8 Page - Microchip Technology

Back Button HV7321 Datasheet HTML 4Page - Microchip Technology HV7321 Datasheet HTML 5Page - Microchip Technology HV7321 Datasheet HTML 6Page - Microchip Technology HV7321 Datasheet HTML 7Page - Microchip Technology HV7321 Datasheet HTML 8Page - Microchip Technology HV7321 Datasheet HTML 9Page - Microchip Technology HV7321 Datasheet HTML 10Page - Microchip Technology HV7321 Datasheet HTML 11Page - Microchip Technology HV7321 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
HV7321
DS20005639A-page 8
 2016 Microchip Technology Inc.
TRSW and RXDMP Switches
TRSW Analog Switch
On-Resistor
RTRSW
—18
22
Ω
ITRSW = ±1.0 mA
Note 1
TRSW Off Withstand Voltage
VTRSW
-80
—
+80
V
ISW = ±100 μA, Note 1
RX to GND Protection Diode
VF
—1.5
2.2
V
IF = ±100 mA, Note 1
RXDMP Switch On-Resistance
RRXDMP
—17
21
Ω
ISD = ±1.0 mA, Note 1
RX Pin to GND Capacitance
CRXG
—
—
7.0
pF
1 MHz, 1 dBm, 0V DC, Note 2
Built-In Gate Drive Voltage Linear Regulators
Output P-Channel Gate Drive
Voltage Referenced to VPP0
VPF0
-5.2
-4.6
-3.8
V
VGN - VPP0 < -10V
Output P-Channel Gate Drive
Voltage Referenced to VPP1
VPF1
-5.2
-4.6
-3.8
V
VGN - VPP1 < -10V
Output N-Channel Gate Drive
Voltage Referenced to VNN0
VNF0
3.3
4.2
5.2
V
VGP - VNN0 > 10V
Output N-Channel Gate Drive
Voltage Referenced to VNN1
VNF1
3.3
4.2
5.2
V
VGP - VNN1 > 10V
Output N-Channel Gate Drive
Voltage Referenced to GND
VPOS
3.2
4.2
5.2
V
Output P-Channel Gate Drive
Voltage Referenced to GND
VNEG
-5.2
-4.5
-3.8
V
Dropout Voltage of (VPP0 - VGN)
VDOPF0
-2.9
-2.6
-2.4
V
Dropout Voltage of (VPP1 - VGN)VDOPF1
-2.9
-2.6
-2.4
V
Dropout Voltage of (VGP - VNN0)VDONF0
3.0
3.3
3.6
V
Dropout Voltage of (VGP - VNN1)VDONF1
3.0
3.3
3.6
V
Dropout Voltage of (VNEG - VGN)VDONEG
2.9
3.3
3.5
V
Dropout Voltage of (VGP - VPOS)VDOPOS
-2.8
-2.6
-2.4
V
Logic & Clock Input Characteristics
Input Logic Low Voltage
VIL
0
—
0.2 VLL
V
Input Logic High Voltage
VIH
0.8 VLL
—VLL
V
Input Logic Low Current
IIL
-1.0
—
—
μA
Note 1
Input Logic High Current
IIH
——
1.0
μA
Note 1
Input Capacitance
CIN
—2.0
3.0
pF
Note 2
OEN Switching On Time
tOEN
—
200
—
µs
50% OEN rise to TX ready,
Note 2
OEN Switching Off Time
—
20
—
ns
50% OEN fall to TX all output
FETs on HV rails are off, Note 1
Thermal protection OTPN & UVLO
OTPN Output Max. Pull-Up
VOH
—
—
5.25
V
OTPN Output Low Max. Voltage
VOL
—
—
0.1
V
at 100 μA
—
—
0.4
V
at 4.0 mA
OTPN Output High Current
IOFF
——
15
μA
25°C, at 5.25V pull-up, Note 1
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical specifications:
VLL = +2.5V, VDD = +5.0V, VPP0,1 = +80V, VNN0,1,2 = -80V, VGP = +10V, VGN = -10V,
VSUB = 0V, PWS = OEN = REN = 1, TA = 25°C, unless otherwise specified. Parameters in Bold apply over the
operating temperature range of T
A = TJ = 0 to +85°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1:
Characterized only; not 100% tested in production.
2:
Design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com