Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7321 Datasheet(PDF) 7 Page - Microchip Technology

Part # HV7321
Description  4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7321 Datasheet(HTML) 7 Page - Microchip Technology

Back Button HV7321 Datasheet HTML 3Page - Microchip Technology HV7321 Datasheet HTML 4Page - Microchip Technology HV7321 Datasheet HTML 5Page - Microchip Technology HV7321 Datasheet HTML 6Page - Microchip Technology HV7321 Datasheet HTML 7Page - Microchip Technology HV7321 Datasheet HTML 8Page - Microchip Technology HV7321 Datasheet HTML 9Page - Microchip Technology HV7321 Datasheet HTML 10Page - Microchip Technology HV7321 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
 2016 Microchip Technology Inc.
DS20005639A-page 7
HV7321
TX Output P-Channel MOSFET on VPP1
On-Resistance at PWS = 1
RON_P1
—16
21
Ω
ISD = 100 mA
On-Resistance at PWS = 0
—
33
43
Peak Output Current at PWS = 1 (1)
IOUT_P1
0.8
1.0
—
A
VPP0,1 = +25V, RL = 1.0Ω to GND
1.5
1.75
—
VPP0,1= +80V, RL = 1.0Ω to GND
Peak Output Current at PWS = 0 (1)
0.4
0.5
—
VPP0,1 = +25V, RL = 1.0Ω to GND
0.8
0.95
—
VPP0,1 = +80V, RL = 1.0Ω to GND
TX Output N-Channel MOSFET on VNN0
On-Resistance
RON_N0
—8
10
Ω
ISD = 100 mA
Peak Output Current (1)
IOUT_N0
-1.4
-1.7
—
A
VNN0 = -25V, RL = 1.0Ω to GND
-2.0
-2.3
—
A
VNN0 = -80V, RL = 1.0Ω to GND
TX Output N-Channel MOSFET on VNN1
On-Resistance at PWS = 1
RON_N1
—11
13
Ω
ISD = 100 mA
On-Resistance at PWS = 0
—
36
45
Peak Output Current at PWS = 1 (1)
IOUT_N1
—
-1.2
-1.0
A
VNN0,1 = -25V, RL = 1.0Ω to GND
—
-1.6
-1.3
VNN0,1 = -80V, RL = 1.0Ω to GND
Peak Output Current at PWS = 0 (1)
—
-0.4
-0.3
VNN0,1 = -25V, RL = 1.0Ω to GND
—
-0.55
-0.4
VNN0,1= -80V, RL = 1.0Ω to GND
TX Damping P-Channel MOSFET on GND
On-Resistance
RON_PDMP
—7.0
16
Ω
ISD = 100 mA
Peak Output Current (1)
IOUT_PDMP
2.3
2.7
—
A
RL = 1.0Ω from -25V to TX
2.3
2.8
—
A
RL = 1.0Ω from -80V to TX
TX Damping N-Channel MOSFET on GND
On-Resistance
RON_NDMP
—7.0
16
Ω
ISD = 100 mA
Peak Output Current (1)
IOUT_NDMP
—
-2.0
-1.8
A
RL = 1.0Ω from +25V to TX
—
-2.3
-2.0
A
RL = 1.0Ω from +80V to TX
RTZSW Auto Bleed High-Voltage Analog Switch
RTZSW On-Resistance (1)
RRTZSW
—
238
270
Ω
ISD = ±1.0 mA
RTZSW Off Withstand Voltage (1)
VRTZSW
-80
—
+80
V
ISW = ±100 μA
TX OUTPUT Isolation Diodes and Bleed Resistor
Diode Forward Voltage
VF
—0.96
1.9
V
IFM = 300 mA, Note 1
Forward Continuous Current
IFM
—
300
—
mA
Note 2
Peak Forward Pulse Current
IFSM
—
3.0
—
A
PW = 50 ns, Note 2
Total Capacitance of 2-diode
CT
—
3.5
—
pF
at 1 MHz, 1 dBm, 0V DC, Note 2
TX/RX Bleed Resistor to GND
Rb
11
15
20
kΩ
Note 1
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical specifications:
VLL = +2.5V, VDD = +5.0V, VPP0,1 = +80V, VNN0,1,2 = -80V, VGP = +10V, VGN = -10V,
VSUB = 0V, PWS = OEN = REN = 1, TA = 25°C, unless otherwise specified. Parameters in Bold apply over the
operating temperature range of T
A = TJ = 0 to +85°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1:
Characterized only; not 100% tested in production.
2:
Design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com