Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7321 Datasheet(PDF) 9 Page - Microchip Technology

Part # HV7321
Description  4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7321 Datasheet(HTML) 9 Page - Microchip Technology

Back Button HV7321 Datasheet HTML 5Page - Microchip Technology HV7321 Datasheet HTML 6Page - Microchip Technology HV7321 Datasheet HTML 7Page - Microchip Technology HV7321 Datasheet HTML 8Page - Microchip Technology HV7321 Datasheet HTML 9Page - Microchip Technology HV7321 Datasheet HTML 10Page - Microchip Technology HV7321 Datasheet HTML 11Page - Microchip Technology HV7321 Datasheet HTML 12Page - Microchip Technology HV7321 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
 2016 Microchip Technology Inc.
DS20005639A-page 9
HV7321
Thermal Shutdown Trip Point
TTRIP
125
138
160
°C
OTPN = LO when thermal shut-
down occurs, Note 1
Thermal Shutdown Hysteresis
THYS
—38
—
°C
VDD OK On Voltage
VDDUVON
3.45
3.7
4.05
V
Note 1
VDD UVLO Trip Voltage
VDDUVOFF
3.05
3.4
3.85
VLL OK On Voltage
VLLUVON
1.59
1.7
1.81
VLL UVLO Trip Voltage
VLLUVOFF
1.39
1.6
1.71
TX Output HD2 & Timing Characteristics
Second Harmonic Distortion
HD2
—
-44
-40
dB
VPP0/VNN0 = ±70V launched in
100 µs apart, with load of
220 pF//1k (Second Harmonic
Distortion).
HD2, single-cycle inverting
5.0 MHz
Note 1
All these tr,tf,td values, at
VPP0,1/VNN0,1 = ±70V, 220 pF//1k
Note 1
Output Rise Time from 0V to VPP0
tr1
—10
12
ns
Output Fall Time from 0V to VNN0
tf1
—10
12
Output Rise Time from VNN0 to VPP0
tr2
—17
19
Output Fall Time from VPP0 to VNN0
tf2
—17
19
Output Rise Time from VNN0 to 0V
tr3
—
10
13.5
Output Fall Time from VPP0 to 0V
tf3
—
10
13.5
Propagation Delay Rise Time 1
tdr1
—16
18
ns
Propagation Delay Fall Time 1
tdf1
—16
18
Propagation Delay Rise Time 2
tdr2
—
17.5
19
Propagation Delay Fall Time 2
tdf2
—
17.5
19
Propagation Delay Rise Time 3
tdr3
—14
16
Propagation Delay Fall Time 3
tdf3
—14
16
Output Rise Time from 0V to
VPP1
tr4
—15
17
ns
All these tr,tf,td values at
VPP0,1/VNN0,1 = ±70V, 220 pF//1k
Note 1
Output Fall Time from 0V to
VNN1
tf4
—15
17
Output Rise Time from VNN1 to
VPP1
tr5
—24
27
Output Fall Time from VPP1 to
VNN1
tf5
—24
27
Output Rise Time from VNN1 to
0V
tr6
—10
13
Output Fall Time from VPP1 to 0V
tf6
—10
13
Propagation Delay Rise Time 4
tdr4
—15
17
ns
Propagation Delay Fall Time 4
tdf4
—15
17
Propagation Delay Rise Time 5
tdr5
—16
18
Propagation Delay Fall Time 5
tdf5
—16
18
Propagation Delay Rise Time 6
tdr6
—15
17
Propagation Delay Fall Time 6
tdf6
—15
17
Delay Time Matching with
SEL = L
∆td1
—1.5
2.0
ns
P to N, ch.-to-ch. matching in IC,
typ. at VPP0,1/VNN0,1,2 = ±70V,
220 pF//1k
, Note 1
Delay Time Matching with
SEL = H
∆td2
—1.5
2.0
ns
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical specifications:
VLL = +2.5V, VDD = +5.0V, VPP0,1 = +80V, VNN0,1,2 = -80V, VGP = +10V, VGN = -10V,
VSUB = 0V, PWS = OEN = REN = 1, TA = 25°C, unless otherwise specified. Parameters in Bold apply over the
operating temperature range of T
A = TJ = 0 to +85°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1:
Characterized only; not 100% tested in production.
2:
Design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com