Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7321 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV7321
Description  4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7321 Datasheet(HTML) 5 Page - Microchip Technology

  HV7321 Datasheet HTML 1Page - Microchip Technology HV7321 Datasheet HTML 2Page - Microchip Technology HV7321 Datasheet HTML 3Page - Microchip Technology HV7321 Datasheet HTML 4Page - Microchip Technology HV7321 Datasheet HTML 5Page - Microchip Technology HV7321 Datasheet HTML 6Page - Microchip Technology HV7321 Datasheet HTML 7Page - Microchip Technology HV7321 Datasheet HTML 8Page - Microchip Technology HV7321 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
 2016 Microchip Technology Inc.
DS20005639A-page 5
HV7321
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Positive logic supply (VLL).......................................................................................................................... -0.5V to +5.5V
All I/O & CLK pin voltage (VIO)................................................................................................................... -0.5V to +5.5V
Positive voltage supply (VDD)..................................................................................................................... -0.5V to +5.5V
Positive gate driver supply (VGP) ............................................................................................................. -0.5V to +13.5V
Negative gate driver supply (VGN) ........................................................................................................... -13.5V to +0.5V
High voltage positive supply (VPP0,1).......................................................................................................... -1.0V to +85V
High voltage negative supply (VNN0,1,2)...................................................................................................... -85V to +1.0V
CW input voltage (VCWIN) .......................................................................................................................... -7.5V to +7.5V
TX pin voltage (VTX)..................................................................................................................................... -85V to +85V
RX pin to GND voltage (VRX).......................................................................................................................±0.7 to ±1.4V
Operating temperature ................................................................................................................................ 0°C to +85°C
Storage temperature ...............................................................................................................................-55°C to +150°C
Maximum junction temperature............................................................................................................................ +130°C
Maximum not-latch-up current ........................................................................................................................... +100 mA
ESD Rating CWIN,TX, VPP, VNN pins......................................................................................................................±500V
ESD Rating – all other pins ....................................................................................................................................... ±2kV
† Notice:
Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational sections of this specification is not intended. Exposure to maximum rating conditions for extended periods
may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical specifications:
VLL = +2.5V, VDD = +5.0V, VPP0,1 = +80V, VNN0,1,2 = -80V, VGP = +10V, VGN = -10V,
VSUB = 0V, PWS = OEN = REN = 1, TA = 25°C, unless otherwise specified. Parameters in Bold apply over the
operating temperature range of T
A = TJ = 0 to +85°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Operating Supply Voltages
Positive Logic Supply
VLL
2.25
2.50
3.60
V
Note 1
Positive Voltage Supply
VDD
4.75
5.0
5.25
V
Note 1
Positive Gate Driver Supply
VGP
8.0
10
12
V
Note 1
See Table 3-1.
Negative Gate Driver Supply
VGN
-12
-10
-8.0
High Voltage Positive Supply
VPP0
0
—
80
V
Note 1
Must be VPP0 ≥ VPP1
VPP1
0
—
80
High Voltage Negative Supply
VNN0
-80
—
0
V
Note 1
Must be VNN0  VNN1
VNN1
-80
—
0
Operating Supply Current
VLL Quiescent Current
ILLQ
—0.06
0.7
μA
OEN = REN = 0
VDD Quiescent Current
IDDQ
—30
80
µA
VPP0 Quiescent Current
IPP0Q
—0.37
6
µA
VNN0 Quiescent Current
INN0Q
-9
-0.78
—
µA
VPP1 Quiescent Current
IPP1Q
—0.44
10
µA
VNN1 Quiescent Current
INN1Q
-10
-1.46
—
µA
VNN2 Quiescent Current
INN2Q
-7
-3.84
—
µA
Note 1:
Characterized only; not 100% tested in production.
2:
Design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com