Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7321 Datasheet(PDF) 3 Page - Microchip Technology

Part # HV7321
Description  4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7321 Datasheet(HTML) 3 Page - Microchip Technology

  HV7321 Datasheet HTML 1Page - Microchip Technology HV7321 Datasheet HTML 2Page - Microchip Technology HV7321 Datasheet HTML 3Page - Microchip Technology HV7321 Datasheet HTML 4Page - Microchip Technology HV7321 Datasheet HTML 5Page - Microchip Technology HV7321 Datasheet HTML 6Page - Microchip Technology HV7321 Datasheet HTML 7Page - Microchip Technology HV7321 Datasheet HTML 8Page - Microchip Technology HV7321 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
HV7321 – Block Diagram
Rb
OEN
POS3
NEG3
SEL3
CLK
X0
RX0
+2.5V/3V
+5V
-10V
GND
VGN
VSUB CNEG
VNN2
CNF0
VNN0
CNF1
VNN1
TX0
RX0
RGND
TX1,2,3
VLL
VDD
CPOS
VGP
CPF0
VPP0
CPF1
VPP1
2 µF
2 µF
VPF1 VGN VPP1
VPP0
VNEG GND VGN
VNF1
VNN2
VPP0
SUB
VPOS
To Ch.
1-3
0 to +80V
0 to +80V
0 to -80V
0 to -80V
2 µF
1 µF
2 µF
2 µF
2 µF
2 µF
2 µF
100V
100V
VGN
VPF0
GND
1 µF
1 µF
100V
2 µF
1 µF
100V
2 µF
2 µF
100V
VNF0 VGP VNN0
VGP VNN1
VPP1
to
CWSW1-3
CWSW0
VPF0
VNF0
VPF0
VNEG
VNF1
VPOS
VNN0
VNN1
RTZSW0
TRSW0
Rb
RXDMP0
RGND
1 of 4 channels
+10V
LR
VPOS
LR
VPF0
LR
VPF1
RX1,2,3
LR
VNEG
LR
VNF0
LR
VNF1
SEL0
NEG0
POS0
OTPN
PWS
REN
MODE
CWIN0-3
Logic
and
Retiming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com