Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7321 Datasheet(PDF) 16 Page - Microchip Technology

Part # HV7321
Description  4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7321 Datasheet(HTML) 16 Page - Microchip Technology

Back Button HV7321 Datasheet HTML 12Page - Microchip Technology HV7321 Datasheet HTML 13Page - Microchip Technology HV7321 Datasheet HTML 14Page - Microchip Technology HV7321 Datasheet HTML 15Page - Microchip Technology HV7321 Datasheet HTML 16Page - Microchip Technology HV7321 Datasheet HTML 17Page - Microchip Technology HV7321 Datasheet HTML 18Page - Microchip Technology HV7321 Datasheet HTML 19Page - Microchip Technology HV7321 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
HV7321
DS20005639A-page 16
 2016 Microchip Technology Inc.
FIGURE 2-7:
TX Output Waveform,
1-Cycle 5 MHz with 220 pF//1K Load.
FIGURE 2-8:
TX Output HD2, 1-Cycle
Inverting, 5 MHz with 220pF//1K Load.
-100
-80
-60
-40
-20
0
20
40
60
80
100
00.1
0.2
0.3
0.4
A
B
Time (µs)
-60
-50
-40
-30
-20
-10
0
10
20
0
5
10
15
20
25
30
A + B
A - B
Frequency (MHz)
HD2 = -52.9 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com