Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8411 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS8411
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8411 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS8411 Datasheet HTML 4Page - Cirrus Logic CS8411 Datasheet HTML 5Page - Cirrus Logic CS8411 Datasheet HTML 6Page - Cirrus Logic CS8411 Datasheet HTML 7Page - Cirrus Logic CS8411 Datasheet HTML 8Page - Cirrus Logic CS8411 Datasheet HTML 9Page - Cirrus Logic CS8411 Datasheet HTML 10Page - Cirrus Logic CS8411 Datasheet HTML 11Page - Cirrus Logic CS8411 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
CS8411 CS8412
8
DS61F1
CS8411 DESCRIPTION
The CS8411 is more flexible than the CS8412 but
requires a microcontroller or DSP to load internal
registers. The CS8412 does not have internal regis-
ters so it may be used in a stand-alone mode where
no microprocessor or DSP is available.
The CS8411 accepts data from a transmission line
coded according to the digital audio interface stan-
dards. The I.C. recovers clock and data, and sepa-
rates the audio data from control information. The
audio data is output through a configurable serial
port and the control information is stored in internal
dual-port RAM. Extensive error reporting is avail-
able via internal registers with the option of repeat-
ing the last sample when an error occurs. A block
diagram of the CS8411 is shown in Figure 4.
Parallel Port
The parallel port accesses two status registers, two
interrupt enable registers, two control registers, and
28 bytes of dual-port buffer memory. The status
registers and interrupt enable registers occupy the
same address space. A bit in control register 1 se-
lects the two registers, either status or interrupt en-
able, that occupy addresses 0 and 1 in the memory
map. The address bus and the RD/WR line should
be valid when CS goes low. If RD/WR is low, the
value on the data bus will be written into the buffer
memory at the specified address. If RD/WR is high,
the value in the buffer memory, at the specified ad-
dress, is placed on the data bus. Detailed timing for
the parallel port can be found in the Switching
Characteristics - Parallel Port table.
The memory space on the CS8411 is allocated as
shown in Figure 5. There are three defined buffer
modes selectable by two bits in control register 1.
Further information on the buffer modes can be
found in the Control Registers section.
Status and IEnable Registers
The status and interrupt enable registers occupy the
same address space. The IER/SR bit in control reg-
ister 1 selects whether the status registers (IER/SR
= 0) or the IEnable registers (IER/SR = 1) occupy
addresses 0 and 1. Upon power-up, the control and
IEnable registers contain all zeros; therefore, the
10
2
10
3
10
4
10
5
10
6
5
0
- 5
- 10
- 15
- 20
- 25
- 30
Jitter Frequency (Hz)
Figure 3. Jitter Attenuator Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com