Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8411 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS8411
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8411 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS8411 Datasheet HTML 12Page - Cirrus Logic CS8411 Datasheet HTML 13Page - Cirrus Logic CS8411 Datasheet HTML 14Page - Cirrus Logic CS8411 Datasheet HTML 15Page - Cirrus Logic CS8411 Datasheet HTML 16Page - Cirrus Logic CS8411 Datasheet HTML 17Page - Cirrus Logic CS8411 Datasheet HTML 18Page - Cirrus Logic CS8411 Datasheet HTML 19Page - Cirrus Logic CS8411 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
CS8411 CS8412
16
DS61F1
status byte 15, location 17H is written. If the corre-
sponding interrupt enable bit in IER1 is set, a tran-
sition of FLAG1 will generate a pulse on the
interrupt pin. Figure 12 illustrates the memory
write sequence for buffer mode 0 along with flag
timing. The arrows on the flag timing indicate
when an interrupt will occur if the appropriate in-
terrupt enable bit is set. FLAG0 can cause an inter-
rupt on either edge, which is only shown in the
expanded portion of the figure for clarity.
Buffer Mode 1
In buffer mode 1, eight bytes are allocated for chan-
nel status data and sixteen bytes for auxiliary data
as shown in Figure 5. The user data buffer is the
same for all modes. The channel status buffer, loca-
tions 08H to 0FH, is divided into two sections. The
first four locations always contain the first four
bytes of channel status, identical to mode 0, and are
written once per channel status block. The second
four locations, addresses 0CH to 0FH, provide a
cyclic buffer for the last 20 bytes of channel status
data. The channel status buffer is divided in this
fashion because the first four bytes are the most im-
Flag 0
Flag 1
Mode 0
Flag 1
Modes 1 & 2
Flag 2
B 0
A 0
B 1
A 1
B 2
A 2
B 7
A 7
Aux Data
03 4
7
LSB
8
Audio Data
Preamble
28 29 30 31
VU CP
MSB
27
(384 Audio Samples)
23 012
3
4567
8
9 101112 13 14 15 16 17 18 19 20 21 22 23 01
Channel Status Byte
(Expanded)
(Expanded)
bit
Frame
Sub-frame
Block
Validity
User Data
Channel Status Data
Parity Bit
Figure 11. CS8411 Status Register Flag Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com