Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8411 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS8411
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8411 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS8411 Datasheet HTML 7Page - Cirrus Logic CS8411 Datasheet HTML 8Page - Cirrus Logic CS8411 Datasheet HTML 9Page - Cirrus Logic CS8411 Datasheet HTML 10Page - Cirrus Logic CS8411 Datasheet HTML 11Page - Cirrus Logic CS8411 Datasheet HTML 12Page - Cirrus Logic CS8411 Datasheet HTML 13Page - Cirrus Logic CS8411 Datasheet HTML 14Page - Cirrus Logic CS8411 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
CS8411 CS8412
DS61F1
11
PARITY, CODE and LOCK bits are latches which
are set when their corresponding conditions occur,
and are reset when SR2 is read. The ERF pin is as-
serted each time the error occurs assuming the in-
terrupt enable bit in IER2 is set for that particular
error. When the ERF pin is asserted, the ERF bit in
SR1 is set. If the ERF bit was not set prior to the
ERF pin assertion, an interrupt will be generated
(assuming bit 3 in IER1 is set). Although the ERF
pin is asserted for each occurrence of an enabled er-
ror condition, the ERF bit will only cause an inter-
rupt once if SR1 is not read.
V is the validity status bit which is set any time the
received validity bit is high. PARITY is set when a
parity error is detected. CODE is set when a bi-
phase coding error is detected. LOCK is asserted
when the receiver PLL is not locked and occurs
when there is no input on RXP/RXN, or if the re-
ceived frequency is out of the receiver lock range
(25 kHz to 55 kHz). Lock is achieved after receiv-
ing three frame preambles followed by one block
preamble, and is lost after four consecutive frame
preambles are not received.
The upper three bits in SR2, FREQ2-FREQ0, can
report the receiver frequency when the receiver is
locked. These bits are only valid when FCEN in
control register 1 is set, and a 6.144 MHz clock is
applied to the FCK pin. When FCEN is set, the
A4/FCK pin is used as FCK and A4 is internally set
to zero; therefore, only the lower half of the buffer
can be accessed. Table 1 lists the frequency ranges
reported. The FREQ bits are updated three times
per block and the clock on the FCK pin must be val-
id for two thirds of a block for the FREQ bits to be
accurate. The vast majority of audio systems must
meet the 400 ppm tolerance listed in the table. The
4% tolerance is provided for unique situations
where the approximate frequency needs to be
known, even though that frequency is outside the
normal audio specifications.
Table 1. Incoming Sample Frequency Bits
IEnable register 2 has corresponding interrupt en-
able bits for the first five bits in SR2. A "1" enables
the condition in SR2 to cause ERF to go high, while
a "0" masks that condition. Bit 5 is unused and bits6
and 7, the two most significant bits, are factory test
bits and must be set to zero when writing to this
register. The CS8411 sets these bits to zero on pow-
er-up.
Control Registers
The CS8411 contains two control registers. Control
register1 (CR1), at address 2, selects system level
features, while control register 2 (CR2), at address
3, configures the audio serial port.
In control register 1, when RST is low, all outputs
are reset except MCK (FSYNC and SCLK are high
impedance). After the user sets RST high, the
CS8411 comes fully out of reset when the block
boundary is found. It is recommended to reset the
CS8411 after power-up and any time the user per-
forms a system-wide reset. The serial port, in mas-
ter mode, will begin to operate as soon as RST goes
Figure 7. Status/IEnable Register 2
SR2:
FREQ2:
The 3 FREQ bits indicate incoming sample frequency.
FREQ1:
(must have 6.144 MHz clock on FCK pin and FCEN
FREQ0:
must be “1”)
LOCK:
Out-of-Lock error
CODE:
Coding violation
PARITY:
Parity error
V:
Validity bit high
IER2: TEST1,0:
(0 on power-up) Must stay at “0”.
INT. ENABLES: Enables the corresponding bit in SR2.
A “1” enables the interrupt. A “0” masks the interrupt.
X:01
765
4
3
2
1
0
SR2.
FREQ2 FREQ1 FREQ0 Reserved LOCK CODE PARITY
V
IER2. TEST1
TEST0
INT. ENABLE BITS
FOR ABOVE
FREQ2 FREQ1 FREQ0
Sample Frequency
0
0
0
Out of Range
00
1
48 kHz ± 4%
0
1
0
44.1 kHz ± 4%
0
1
1
32 kHz ± 4%
1
0
0
48 kHz ± 400 ppm
1
0
1
44.1 kHz ± 400 ppm
1
1
0
44.056 kHz ± 400 ppm
1
1
1
32 kHz ± 400 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com