Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8411 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS8411
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8411 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS8411 Datasheet HTML 30Page - Cirrus Logic CS8411 Datasheet HTML 31Page - Cirrus Logic CS8411 Datasheet HTML 32Page - Cirrus Logic CS8411 Datasheet HTML 33Page - Cirrus Logic CS8411 Datasheet HTML 34Page - Cirrus Logic CS8411 Datasheet HTML 35Page - Cirrus Logic CS8411 Datasheet HTML 36Page - Cirrus Logic CS8411 Datasheet HTML 37Page - Cirrus Logic CS8411 Datasheet HTML 38Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
CS8411 CS8412
DS61F1
35
APPENDIX A: RS422 RECEIVER
INFORMATION
The RS422 receivers on the CS8411 and CS8412
are designed to receive both the professional and
consumer interfaces, and meet all specifications
listed in the digital audio standards. Figure 20 illus-
trates the internal schematic of the receiver portion
of both chips. The receiver has a differential input.
A Schmitt trigger is incorporated to add hysteresis
which prevents noisy signals from corrupting the
phase detector.
Professional Interface
The digital audio specifications for professional
use call for a balanced receiver, using XLR connec-
tors, with 110
Ω ± 20% impedance. (The XLR con-
nector on the receiver should have female pins with
a male shell.) Since the receiver has a very high im-
pedance, a 110
Ω resistor should be placed across
the receiver terminals to match the line impedance,
as shown in Figure 21, and, since the part has inter-
nal biasing, no external biasing network is needed.
If some isolation is desired without the use of trans-
formers, a 0.01 µF capacitor should be placed on
the input of each pin (RXP and RXN) as shown in
Figure 22. However, if transformers are not used,
high frequency energy could be coupled between
transmitter and receiver causing degradation in an-
alog performance.
Although transformers are not required by AES
they are strongly recommended. The EBU requires
transformers. Figures 21 and 22 show an optional
DC blocking capacitor on the transmission line. A
0.1 to 0.47 µF ceramic capacitor may be used to
block any DC voltage that is accidentally connect-
ed to the digital audio receiver. The use of this ca-
pacitor is an issue of robustness as the digital audio
transmission line does not have a DC voltage com-
ponent.
Grounding the shield of the cable is a tricky issue.
In the configuration of systems, it is important to
avoid ground loops and DC current flowing down
the shield of the cable that could result when boxes
with different ground potentials are connected.
Generally, it is good practice to ground the shield
to the chassis of the transmitting unit, and connect
the shield through a capacitor to chassis ground at
the receiver. However, in some cases it is advanta-
gous to have the ground of two boxes held to the
same potential, and the cable shield might be de-
pended upon to make that electrical connection.
Generally, it may be a good idea to provide the op-
tion of grounding or capacitively coupling to
ground with a "ground-lift" circuit.
+
8 k
Ω
4 k
Ω
4 k
Ω
8 k
Ω
16 k
Ω
16 k
Ω
RXP
9
RXN
10
-
Figure 20. RS422 Receiver Internal Circuit
1
XLR
Twisted
Pair
110
Ω
110
Ω
CS8411/12
RXP
RXN
* See Text
Figure 21. Professional Input Circuit
1
XLR
Twisted
Pair
110
Ω
110
Ω
CS8411/12
RXP
RXN
0.01
µF
0.01
µF
* See Text
Figure 22. Transformerless Professional Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com