Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8411 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS8411
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8411 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS8411 Datasheet HTML 25Page - Cirrus Logic CS8411 Datasheet HTML 26Page - Cirrus Logic CS8411 Datasheet HTML 27Page - Cirrus Logic CS8411 Datasheet HTML 28Page - Cirrus Logic CS8411 Datasheet HTML 29Page - Cirrus Logic CS8411 Datasheet HTML 30Page - Cirrus Logic CS8411 Datasheet HTML 31Page - Cirrus Logic CS8411 Datasheet HTML 32Page - Cirrus Logic CS8411 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
CS8411 CS8412
DS61F1
29
PIN DESCRIPTIONS: CS8412
Power Supply Connections
VD+ - Positive Digital Power, PIN 7.
Positive supply for the digital section. Nominally +5 volts.
VA+ - Positive Analog Power, PIN 22.
Positive supply for the analog section. Nominally +5 volts.
DGND - Digital Ground, PIN 8.
Ground for the digital section. DGND should be connected to same ground as AGND.
AGND - Analog Ground, PIN 21.
Ground for the analog section. AGND should be connected to same ground as DGND.
Audio Output Interface
SCK - Serial Clock, PIN 12.
Serial clock for SDATA pin which can be configured (via the M0, M1, M2, and M3 pins) as an
input or output, and can sample data on the rising or falling edge. As an output, SCK will
generate 32 clocks for every audio sample. As an input, 32 SCK periods per audio sample must
be provided in all normal modes.
1
2
3
4
5
6
7
821
22
23
24
25
26
27
28
VALIDITY + ERROR FLAG
CS e / FREQ REPORT 2
SERIAL OUTPUT DATA
ERROR FLAG
SERIAL PORT MODE SELECT 1
SERIAL PORT MODE SELECT 2
ANALOG POWER
ANALOG GROUND
DGND
VD+
C0/E0
Ca/E1
Cb/E2
Cc/F0
Cd/F1
C
9
10
11
12
17
18
19
20
FILTER
MASTER CLOCK
SERIAL PORT MODE SELECT 2
SERIAL PORT MODE SELECT 3
SCK
FSYNC
RXN
RXP
13
14
15
16
FREQ/CS SELECT
CS BLOCK START
U
CS12/FCK
VERF
Ce/F2
SDATA
ERF
M1
M0
VA+
AGND
FILT
MCK
M2
M3
SEL
CBL
DIGITAL GROUND
DIGITAL POWER
CS 0 / ERROR CONDITION 0
CS a / ERROR CONDITION 1
CS b / ERROR CONDITION 2
CS c / FREQ REPORT 0
CS d / FREQ REPORT 1
CHANNEL STATUS OUTPUT
SERIAL DATA CLOCK
FRAME SYNC
RECEIVE NEGATIVE
RECEIVE POSITIVE
USER DATA OUTPUT
CHANNEL SELECT / FCLOCK
CS8412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com