Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8411 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS8411
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8411 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS8411 Datasheet HTML 24Page - Cirrus Logic CS8411 Datasheet HTML 25Page - Cirrus Logic CS8411 Datasheet HTML 26Page - Cirrus Logic CS8411 Datasheet HTML 27Page - Cirrus Logic CS8411 Datasheet HTML 28Page - Cirrus Logic CS8411 Datasheet HTML 29Page - Cirrus Logic CS8411 Datasheet HTML 30Page - Cirrus Logic CS8411 Datasheet HTML 31Page - Cirrus Logic CS8411 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
CS8411 CS8412
28
DS61F1
Professional Channel Status (C0 = 0)
When C0 is low, the received channel status block
is encoded according to the professional/broadcast
format. The Ca through Ce pins are defined for
some of the more important professional bits. As
listed in Table 7, Ca is the inverse of channel status
bit1. Therefore, if the incoming channel status bit 1
is 1, Ca, defined as C1, will be 0. C1 indicates
whether audio (C1=1) or non-audio (C1=0) data is
being received. Cb and Cc, defined as EM0 and
EM1 respectively, indicate emphasis and are en-
coded versions of channel status bits 2, 3, and 4.
The decoding is listed in Table 8. Cd, defined as
C9, is the inverse of channel status bit 9, which
gives some indication of channel mode. (Bit 9 is
also defined as bit 1 of byte 1.) When Ce, defined
as CRCE, is low, the CS8412 calculated CRC value
does not match the received CRC value. This signal
may be used to qualify Ca through Cd. If Ca
through Ce are being displayed, Ce going low can
indicate not to update the display.
Table 8. Emphasis Encoding
Consumer Channel Status (C0 = 1)
When C0 is high, the received channel status block
is encoded according to the consumer format. In
this case Ca through Ce are defined differently as
shown in Table 7. Ca is the inverse of channel sta-
tus bit 1, C1, indicating audio (C1 = 1) or non-audio
(C1 = 0). Cb is defined as the inverse of channel
status bit 2, C2, which indicates copy inhibit/copy-
right information. Cc, defined as C3, is the empha-
sis bit of channel status, with C3 low indicating the
data has had pre-emphasis added.
The audio standards, in consumer mode, describe
bit 15, L, as the generation status which indicates
whether the audio data is an original work or a copy
(1st generation or higher). The definition of the
Lbit is reversed for three category codes: two
broadcast codes, and laser-optical (CD’s). There-
fore, to interpret the L bit properly, the category
code must be decoded. The CS8412 does this de-
coding internally and provides the ORIG signal
that, when low, indicates that the audio data is orig-
inal over all category codes.
SCMS
The consumer audio standards also mention a serial
copy management system, SCMS, for dealing with
copy protection of copyrighted works. SCMS is de-
signed to allow unlimited duplication of the origi-
nal work, but no duplication of any copies of the
original. This system utilizes the channel status bit
2, Copy, and channel status bit 15, L or generation
status, along with the category codes. If the Copy
bit is 0, copyright protection is asserted over the
material. Then, the L bit is used to determine if the
material is an original or a duplication. (As men-
tioned in the previous paragraph, the definition of
the L bit can be reversed based on the category
codes.) There are two category codes that get spe-
cial attention: general and A/D converters without
C or L bit information. For these two categories the
SCMS standard requires that equipment interfacing
to these categories set the C bit to 0 (copyright pro-
tection asserted) and the L bit to1 (original). To
support this feature, Ce, in the consumer mode, is
defined as IGCAT (ignorant category) which is low
for the "general" (0000000) and "A/D converter
without copyright information" (01100xx) catego-
ries.
EM1 EM0 C2 C3 C4
Emphasis
0
0
1
1
1
CCITT J.17 emphasis
0
1
1
1
0
50/15
µs emphasis
1
0
1
0
0
No Emphasis
1
1
0
0
0
Not Indicated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com