Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8411 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS8411
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8411 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS8411 Datasheet HTML 19Page - Cirrus Logic CS8411 Datasheet HTML 20Page - Cirrus Logic CS8411 Datasheet HTML 21Page - Cirrus Logic CS8411 Datasheet HTML 22Page - Cirrus Logic CS8411 Datasheet HTML 23Page - Cirrus Logic CS8411 Datasheet HTML 24Page - Cirrus Logic CS8411 Datasheet HTML 25Page - Cirrus Logic CS8411 Datasheet HTML 26Page - Cirrus Logic CS8411 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
CS8411 CS8412
DS61F1
23
CS8412 DESCRIPTION
The CS8412 does not need a microprocessor to
handle the non-audio data (although a micro may
be used with the C and U serial ports). Instead, ded-
icated pins are available for the most important
channel status bits. The CS8412 is a monolithic
CMOS circuit that receives and decodes digital au-
dio data which was encoded according to the digital
audio interface standards. It contains an RS422 line
receiver and clock and data recovery utilizing an
on-chip phase-locked loop. The audio data is out-
put through a configurable serial port that supports
14 formats. The channel status and user data have
their own serial pins and the validity flag is OR’ed
with the ERF flag to provide a single pin, VERF,
indicating that the audio output may not be valid.
This pin may be used by interpolation filters that
provide error correction. A block diagram of the
CS8412 is illustrated in Figure 16.
The line receiver and jitter performance are de-
scribed in the sections directly preceding the
CS8411 sections in the beginning of this data sheet.
Audio Serial Port
The audio serial port is used primarily to output au-
dio data and consists of three pins: SCK, FSYNC,
and SDATA. These pins are configured via four
control pins: M0, M1, M2, and M3. M3 selects be-
tween eight normal serial formats (M3 = 0), and six
special formats (M3 = 1).
Normal Modes (M3 = 0)
When M3 is low, the normal serial port formats
shown in Figure 17 are selected using M2, M1, and
M0. These formats are also listed in Table 3,
VA+
FILT
AGND
MCK
SDATA
11
SCK
FSYNC
12
26
De-Multiplexer
Audio
Serial
Port
CRC
check
RXP
RXN
VD+
DGND
R
e
g
i
s
t
e
r
s
Parity
Check
Frequency
Comparator
Error
Encoder
Channel
Status
Latch
Ca/
E1
C0/
E0
Ce/
F2
Cd/
F1
Cc/
F0
Cb/
E2
Multiplexer
Bi-phase
Decoder
and
Frame
Sync
3
3
6
Timing
M0
M1
M2
M3
C
U
VERF
CBL
ERF
SEL
CS12/
FCK
22
20
21
19
9
10
7
8
13
16
654
3
2
27
25
15
28
14
1
17
18 24
23
Clock & Data
Recovery
6
Figure 16. CS8412 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com