Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8411 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS8411
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8411 Datasheet(HTML) 1 Page - Cirrus Logic

  CS8411 Datasheet HTML 1Page - Cirrus Logic CS8411 Datasheet HTML 2Page - Cirrus Logic CS8411 Datasheet HTML 3Page - Cirrus Logic CS8411 Datasheet HTML 4Page - Cirrus Logic CS8411 Datasheet HTML 5Page - Cirrus Logic CS8411 Datasheet HTML 6Page - Cirrus Logic CS8411 Datasheet HTML 7Page - Cirrus Logic CS8411 Datasheet HTML 8Page - Cirrus Logic CS8411 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1
Copyright
© Cirrus Logic, Inc. 1998
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS8411
CS8412
Digital Audio Interface Receiver
Features
l Monolithic CMOS Receiver
l Low-Jitter, On-Chip Clock Recovery
256x Fs Output Clock Provided
l Supports: AES/EBU, IEC958, S/PDIF, &
EIAJ CP-340 Professional and Consumer
Formats
l Extensive Error Reporting
- Repeat Last Sample on Error Option
l On-Chip RS422 Line Receiver
l Configurable Buffer Memory (CS8411)
Description
The CS8411/12 are monolithic CMOS devices which re-
ceive and decode audio data according to the AES/EBU,
IEC958, S/PDIF, & EIAJ CP-340 interface standards.
The CS8411/12 receive data from a transmission line,
recover the clock and synchronization signals, and de-
multiplex the audio and digital data. Differential or single
ended inputs can be decoded.
The CS8411 has a configurable internal buffer memory,
read via a parallel port, which may be used to buffer
channel status, auxiliary data, and/or user data.
The CS8412 de-multiplexes the channel, user, and va-
lidity data directly to serial output pins with dedicated
output pins for the most important channel status bits.
ORDERING INFORMATION
See page 32.
I
SCK
12
FSYNC
11
SDATA
26
RXP
9
RXN
10
Audio
Serial Port
CS
24
RD/WR
23
A3-A0
4
D7-D0
8
Configurable
Buffer
Memory
MCK
19
De-MUX
RS422
Receiver
CS8411
IEnable and Status
ERF
INT
25
14
Clock and Data Recovery
AGND
21
FILT
20
VA+
22
DGND
8
VD+
7
SCK
12
FSYNC
11
SDATA
26
RXP
9
RXN
10
Audio
Serial Port
14
28
Registers
MCK
19
De-MUX
RS422
Receiver
CS8412
MUX
2
27
Clock and Data Recovery
AGND
21
FILT
20
VA+
22
DGND
8
VD+
7
1
C
U
VERF
M3
17
M2
18
M1
24
M0
23
MUX
ERF
25
CBL
15
43
65
Ce/
Cd/
Cc/
Cb/
Ca/
C0/
F2
F1
F0
E2
E1
E0
16
SEL
13
CS12/
FCK
13
A4/FCK
OCT ‘98
DS61F1


Similar Part No. - CS8411

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
CS841 HVPSI-CS841 Datasheet
60Kb / 2P
MOV Modules
logo
Cirrus Logic
CS8412 CIRRUS-CS8412 Datasheet
1Mb / 36P
Low Cost, 20-Bit, Stereo, Audio D/A Converter
logo
List of Unclassifed Man...
CS8413 ETC-CS8413 Datasheet
646Kb / 38P
96 KHZ DIGITAL AUDIO RECEIVER
CS8413-CS ETC-CS8413-CS Datasheet
646Kb / 38P
96 KHZ DIGITAL AUDIO RECEIVER
CS8414 ETC-CS8414 Datasheet
646Kb / 38P
96 KHZ DIGITAL AUDIO RECEIVER
More results

Similar Description - CS8411

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
DIGITAL AUDIO INTERFACE RECEIVER
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
DIGITAL AUDIO INTERFACE RECEIVER
Dec-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com