Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8411 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS8411
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8411 Datasheet(HTML) 3 Page - Cirrus Logic

  CS8411 Datasheet HTML 1Page - Cirrus Logic CS8411 Datasheet HTML 2Page - Cirrus Logic CS8411 Datasheet HTML 3Page - Cirrus Logic CS8411 Datasheet HTML 4Page - Cirrus Logic CS8411 Datasheet HTML 5Page - Cirrus Logic CS8411 Datasheet HTML 6Page - Cirrus Logic CS8411 Datasheet HTML 7Page - Cirrus Logic CS8411 Datasheet HTML 8Page - Cirrus Logic CS8411 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
CS8411 CS8412
DS61F1
3
CHARACTERISTICS/SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS (GND = 0V, all voltages with respect to ground)
Notes: 1. Transient currents of up to 100 mA will not cause SCR latch-up.
WARNING: Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS (GND = 0V; all voltages with respect to ground)
Notes: 2. The '-CP' and '-CS' parts are specified to operate over 0 to 70 °C but are tested at 25 °C only.
The '-IP' and '-IS' parts are tested over the full -40 to 85 °C temperature range.
DIGITAL CHARACTERISTICS (T
A = 25 °C for suffixes '-CP' & '-CS', TA = -40 to 85 °C for '-IP' & '-IS';
VD+, VA+ = 5V ± 10%)
3. FS is defined as the incoming audio sample frequency per channel.
Parameter
Symbol
Min
Max
Units
Power Supply Voltage
VD+, VA+
6.0
V
Input Current, Any Pin Except Supply
Note 1
Iin
± 10
mA
Input Voltage, Any Pin except RXP, RXN
VIN
-0.3
VD+ + 0.3
V
Input Voltage, RXP and RXN
VIN
-12
12
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VD+, VA+
4.5
5.0
5.5
V
Supply Current
VA+
VD+
IA
ID
20
20
30
30
mA
mA
Ambient Operating Temperature:
CS8411/12-CP or -CS
CS8411/12-IP or -IS
Note 2
TA
0
-40
25
70
85
°C
°C
Power Consumption
PD
135
248
mW
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
except RXP, RXN
VIH
2.4
V
Low-Level Input Voltage
except RXP, RXN
VIL
0.4
V
High-Level Output Voltage
(IO = 200 µA)
VOH
VD+ - 1.0
V
Low-Level Output Voltage
(IO = -3.2 mA)
VOL
0.5
V
Input Leakage Current
Iin
1.0
10
µA
Input Sample Frequency
CS8411/12-CP or -CS
CS8411/12-IP or -IS
Note 3
FS
FS
25
30
55
50
kHz
kHz
Master Clock Frequency
Note 3
MCK
6.4
256 X FS
14.08
MHz
MCK Clock Jitter
tj
200
ps RMS
MCK Duty Cycle (high time/cycle time)
50
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com