Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8411 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS8411
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8411 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS8411 Datasheet HTML 26Page - Cirrus Logic CS8411 Datasheet HTML 27Page - Cirrus Logic CS8411 Datasheet HTML 28Page - Cirrus Logic CS8411 Datasheet HTML 29Page - Cirrus Logic CS8411 Datasheet HTML 30Page - Cirrus Logic CS8411 Datasheet HTML 31Page - Cirrus Logic CS8411 Datasheet HTML 32Page - Cirrus Logic CS8411 Datasheet HTML 33Page - Cirrus Logic CS8411 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
CS8411 CS8412
30
DS61F1
FSYNC - Frame Sync, PIN 11.
Delineates the serial data and may indicate the particular channel, left or right, and may be an
input or output. The format is based on M0, M1, M2, and M3 pins.
SDATA - Serial Data, PIN 26.
Audio data serial output pin.
M0, M1, M2, M3 - Serial Port Mode Select, PINS 23, 24, 18, 17.
Selects the format of FSYNC and the sample edge of SCK with respect to SDATA. M3 selects
between eight normal modes (M3 = 0), and six special modes (M3 = 1).
Control Pins
VERF - Validity + Error Flag, PIN 28.
A logical OR’ing of the validity bit from the received data and the error flag. May be used by
interpolation filters to interpolate through errors.
U - User Bit, PIN 14.
Received user bit serial output port. FSYNC may be used to latch this bit externally. (Except in
I2S modes when this pin is updated at the active edge of FSYNC.)
C - Channel Status Output, PIN 1.
Received channel status bit serial output port. FSYNC may be used to latch this bit externally.
(Except in I2S modes when this pin is updated at the active edge of FSYNC.)
CBL - Channel Status Block Start, PIN 15.
The channel status block output is high for the first four bytes of channel status and low for the
last 20 bytes.
SEL - Select, PIN 16.
Control pin that selects either channel status information (SEL = 1) or error and frequency
information (SEL = 0) to be displayed on six of the following pins.
C0, Ca, Cb, Cc, Cd, Ce - Channel Status Output Bits, PINS 2-6, 27.
These pins are dual function with the ’C’ bits selected when SEL is high. Channel status
information is displayed for the channel selected by CS12. C0, which is channel status bit 0,
defines professional (C0 = 0) or consumer (C0 = 1) mode and further controls the definition of
the Ca-Ce pins. These pins are updated with the rising edge of CBL.
CS12 - Channel Select, PIN 13.
This pin is also dual function and is selected by bringing SEL high. CS12 selects sub-frame1
(when low) or sub-frame2 (when high) to be displayed by channel status pins C0 and Ca
through Ce.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com