Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8411 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS8411
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8411 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS8411 Datasheet HTML 6Page - Cirrus Logic CS8411 Datasheet HTML 7Page - Cirrus Logic CS8411 Datasheet HTML 8Page - Cirrus Logic CS8411 Datasheet HTML 9Page - Cirrus Logic CS8411 Datasheet HTML 10Page - Cirrus Logic CS8411 Datasheet HTML 11Page - Cirrus Logic CS8411 Datasheet HTML 12Page - Cirrus Logic CS8411 Datasheet HTML 13Page - Cirrus Logic CS8411 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
CS8411 CS8412
10
DS61F1
SLIP is only valid when the audio port is in slave
mode (FSYNC and SCK are inputs to the CS8411).
This flag is set when an audio sample is dropped or
reread because the audio data output from the part
is at a different frequency than the data received
from the transmission line. CCHG is set when any
bit in channel status bytes 0 through 3, stored in the
buffer, changes from one block to the next. In buff-
er modes 0 and 1, only one channel of channel sta-
tus data is buffered, so CCHG is only affected by
that channel. (CS2/CS1 in CR1 selects which chan-
nel is buffered.) In buffer mode 2 both channels are
buffered, so both channels affect CCHG. This bit is
updated after each byte (0 to 3) is written to the
buffer. The two most significant bits in SR1,
CRCE/CRC1 and CSDIF/CRC2, are dual function
flags. In buffer modes 0 and 1, they are CRCE and
CSDIF, and in buffer mode 2, they are CRC1 and
CRC2. In buffer modes 0 and 1, the channel select-
ed by the CS2/CS1 bit is stored in RAM and CRCE
indicates that a CRC error occurred in that channel.
CSDIF is set if there is any difference between the
channel status bits of each channel. In buffer mode
2 channel status from both channels is buffered,
with CRC1 indicating a CRC error in channel 1 and
CRC2 indicating a CRC error in channel 2. CRCE,
CRC1, and CRC2 are updated at the block bound-
ary. Block boundary violations also cause CRC1,2
or CRCE to be set.
IEnable register 1, which occupies the same ad-
dress space as status register 1, contains interrupt
enable bits for all conditions in status register 1. A
"1" in a bit location enables the same bit location in
status register 1 to generate an interrupt pulse. A
"0" masks that particular status bit from causing an
interrupt.
Status register 2 (SR2) reports all the conditions
that can affect the error flag bit in SR1 and the error
pin (ERF), and can specify the received clock fre-
quency. As previously mentioned, the first five bits
of SR2 are AND’ed with their interrupt enable bits
(in IER2) and then OR’ed to create ERF. The V,
01
2
3
User Data
1st Four
Bytes of
C. S. Data
1st Four
Bytes of
C. S. Data
1st Four
Bytes of
Left C. S.
Data
Auxiliary
Data
Last
20 Bytes
Channel
Status
Data
Status 1 / IEnable 1
C. S.
Data
Left
C. S.
Data
Right
C. S.
Data
1st Four
Bytes of
Right
C. S. Data
U
N
D
E
F
I
N
E
D
A
D
D
R
E
S
S
Memory Mode
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
10
11
12
13
14
15
16
17
18
19
1A
1B
1C
1D
1E
1F
Control Register 1
Control Register 2
Status 2 / IEnable 2
Figure 5. CS8411 Buffer Memory Map
Figure 6. Status/IEnable Register 1
SR1:
CSDIF:
CS different between sub-frames. Buffer modes 0 & 1
CRC2:
CRC Error - sub-frame 2. Buffer mode 2 only.
CRCE:
CRC Error - selected sub-frame. Buffer modes 0 & 1
CRC1:
CRC Error - sub-frame 1. Buffer mode 2 only.
CCHG:
Channel Status changed
SLIP:
Slipped an audio sample
ERF:
Error Flag. ORing of all errors in SR2.
FLAG2:
High for first four bytes of channel status
FLAG1:
Memory mode dependent - See Figure .
FLAG0:
High for last two bytes of user data.
IER1: Enables the corresponding bit in SR1.
A “1” enables the interrupt. A “0” masks the interrupt.
X:00
7
6
5
4
3
2
1
0
SR1.
CSDIF/
CRC2
CRCE/
CRC1
CCHG
SLIP
ERF FLAG2 FLAG1 FLAG0
IER1.
INTERRUPT ENABLE BITS FOR ABOVE
SR1:
CSDIF:
CS different between sub-frames. Buffer modes 0 & 1
CRC2:
CRC Error - sub-frame 2. Buffer mode 2 only.
CRCE:
CRC Error - selected sub-frame. Buffer modes 0 & 1
CRC1:
CRC Error - sub-frame 1. Buffer mode 2 only.
CCHG:
Channel Status changed
SLIP:
Slipped an audio sample
ERF:
Error Flag. ORing of all errors in SR2.
FLAG2:
High for first four bytes of channel status
FLAG1:
Memory mode dependent - See Figure 11
FLAG0:
High for last two bytes of user data.
IER1: Enables the corresponding bit in SR1.
A “1” enables the interrupt. A “0” masks the interrupt.
X:00
7
6
5
4
3
2
1
0
SR1.
CSDIF/
CRC2
CRCE/
CRC1
CCHG
SLIP
ERF FLAG2 FLAG1 FLAG0
IER1.
INTERRUPT ENABLE BITS FOR ABOVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com