Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 64Page - STMicroelectronics ST72774 Datasheet HTML 65Page - STMicroelectronics ST72774 Datasheet HTML 66Page - STMicroelectronics ST72774 Datasheet HTML 67Page - STMicroelectronics ST72774 Datasheet HTML 68Page - STMicroelectronics ST72774 Datasheet HTML 69Page - STMicroelectronics ST72774 Datasheet HTML 70Page - STMicroelectronics ST72774 Datasheet HTML 71Page - STMicroelectronics ST72774 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 144 page
background image
ST72774/ST727754/ST72734
68/144
SYNC PROCESSOR (SYNC) (Cont’d)
4.4.10 Register Description
CONFIGURATION REGISTER (CFGR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 = HACQ Horizontal Sync Analyzer Mode
Set by software, reset by hardware when the
measurement is done. The sync generator must
be disabled (HVGEN=0).
0 : Measurement is done, the result can be read
in HGENR.
1: Start measuring HSYNCO/HFBACK low lev-
el.
Bit 6 = VACQ Vertical Sync Analyzer Mode
Set by software, reset by hardware when the
measurement is done. The sync generator must
be disabled (HVGEN=0).
0: Measurement is done, and the result can be
read in VGENR.
1: Start measuring the number of scan lines dur-
ing VSYNCO/VFBACK low level.
Bit 5 = Reserved. Must be cleared.
Bit 4 = 2FHINH Inhibition of Pre/Post equalization
pulses.
This
function
removes
pre/post
equalization
pulses on HSYNCO signal. The sync generator
and the Horizontal sync analyzer must both be
disabled (HVGEN=HACQ=0).
0: Disable
1: Enable
Bit 3 = VEXT VSYNCO pulse width extension in
case of post-equalization pulses.
The sync generator and the Horizontal and
Vertical sync analyzer must be disabled (HVGEN
= 0, HACQ = 0, VACQ = 0, VCORDIS=0). Vertical
extension must be enabled (VGENR > 0
).
0: Disable
1: Enable
Bits 2:0 = Q’2..Q’0
These are the read/write LSB of the VGENR 11-bit
counter. Refer to Figure 44.
70
HACQ VACQ
-
2FHINH VEXT
Q’2
Q’1
Q’0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com