Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 79Page - STMicroelectronics ST72774 Datasheet HTML 80Page - STMicroelectronics ST72774 Datasheet HTML 81Page - STMicroelectronics ST72774 Datasheet HTML 82Page - STMicroelectronics ST72774 Datasheet HTML 83Page - STMicroelectronics ST72774 Datasheet HTML 84Page - STMicroelectronics ST72774 Datasheet HTML 85Page - STMicroelectronics ST72774 Datasheet HTML 86Page - STMicroelectronics ST72774 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 144 page
background image
ST72774/ST727754/ST72734
83/144
USB INTERFACE (Cont’d)
ENDPOINT n REGISTER A (EPnRA)
Read / Write
Reset Value: 0000 xxxx (0xh)
These registers (EP0RA, EP1RA and EP2RA) are
used for controlling data transmission. They are
also reset by the USB bus reset.
Note: Endpoint 2 and the EP2RA register are not availa-
ble on some devices (see device feature list and
register map).
Bit 7 = ST_OUT
Status out.
This bit is set by software to indicate that a status
out packet is expected: in this case, all nonzero
OUT data transfers on the endpoint are STALLed
instead of being ACKed. When ST_OUT is reset,
OUT transactions can have any number of bytes,
as needed.
Bit 6 = DTOG_TX
Data Toggle, for transmission
transfers.
It contains the required value of the toggle bit
(0=DATA0, 1=DATA1) for the next transmitted
data packet. This bit is set by hardware at the
reception of a SETUP PID. DTOG_TX toggles only
when the transmitter has received the ACK signal
from
the
USB
host.
DTOG_TX
and
also
DTOG_RX (see EPnRB) are normally updated by
hardware, at the receipt of a relevant PID. They
can be also written by software.
Bits
5:4
=
STAT_TX[1:0]
Status
bits,
for
transmission transfers.
These bits contain the information about the
endpoint status, which are listed below:
These bits are written by software. Hardware sets
the STAT_TX bits to NAK when a correct transfer
has occurred (CTR=1) related to a IN or SETUP
transaction addressed to this endpoint; this allows
the software to prepare the next set of data to be
transmitted.
Bits 3:0 = TBC[3:0]
Transmit byte count for
Endpoint n.
Before transmission, after filling the transmit
buffer, software must write in the TBC field the
transmit packet size expressed in bytes (in the
range 0-8).
70
ST_
OUT
DTOG
_TX
STAT
_TX1
STAT
_TX0
TBC
3
TBC
2
TBC
1
TBC
0
STAT_TX1 STAT_TX0 Meaning
00
DISABLED: transmission
transfers cannot be execut-
ed.
01
STALL: the endpoint is
stalled and all transmission
requests result in a STALL
handshake.
10
NAK: the endpoint is naked
and all transmission re-
quests result in a NAK hand-
shake.
11
VALID: this endpoint is ena-
bled for transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com