Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 22Page - STMicroelectronics ST72774 Datasheet HTML 23Page - STMicroelectronics ST72774 Datasheet HTML 24Page - STMicroelectronics ST72774 Datasheet HTML 25Page - STMicroelectronics ST72774 Datasheet HTML 26Page - STMicroelectronics ST72774 Datasheet HTML 27Page - STMicroelectronics ST72774 Datasheet HTML 28Page - STMicroelectronics ST72774 Datasheet HTML 29Page - STMicroelectronics ST72774 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 144 page
background image
ST72774/ST727754/ST72734
26/144
3.5 MISCELLANEOUS REGISTER
MISCELLANEOUS REGISTER (MISCR)
Address: 0009h
—
Read/Write
Reset Value: 0001 0000 (10h)
Bit 7= VSYNCSEL
DDC1 VSYNC Selection.
This bit is set and cleared by software. It is used to
choose the VSYNC signal in DDC1 mode.
0: VSYNCI selected
1: VSYNCI2 selected
Note: VSYNCI 2 is only available for the DDC cell,
not for the SYNC processor cell.
Bit 6= FLY_SYN
Flyback or Synchro Switch.
This bit is set and cleared by software. It is used to
choose the signals the Timing Measurement Unit
(TMU) will analyse.
0: horizontal and vertical synchro outputs analysis
1: horizontal and vertical Flyback inputs analysis
Bit 5= HSYNCDIVEN
HSYNCDIV Enable.
This bit is set and cleared by software. It is used to
enable the output of the HSYNCO output on PC0.
0: HSYNCDIV disabled
1:HSYNCDIV enabled
Bit 4= FAST
Fast Mode.
This bit is set and cleared by software. It is used to
select the external clock frequency. If the external
clock frequency is 12 MHz, this bit must be at 0,
else if the external frequency is 24 MHz, this bit
must be at 1.
Bit 3= ITBLAT
Falling Edge Detector Latch.
This bit is set by hardware when a falling edge
occurs on pin ITB/PD4 in Port D. An interrupt is
generated if ITBITE=1and the I bit in the CC
register = 0. It is cleared by software.
0: No falling edge detected on ITB
1: Falling edge detected on ITB
Bit 2= ITALAT
Falling Edge Detector Latch.
This bit is set by hardware when a falling edge
occurs on pin ITA/PD3 in Port D. An interrupt is
generated if ITAITE=1and the I bit in the CC
register = 0. It is cleared by software.
0: No falling edge detected on ITA
1: Falling edge detected on ITA
Bit 1= ITBITE
ITB Interrupt Enable.
This bit is set and cleared by software.
0: ITB interrupt disabled
1: ITB interrupt enabled
Bit 0= ITAITE
ITA Interrupt Enable.
This bit is set and cleared by software.
0: ITA interrupt disabled
1: ITA interrupt enabled
70
VSYNC
SEL
FLY_S
YN
HSYNC
DIVEN
FAST ITBLAT ITALAT ITBITE ITAITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com