Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 43Page - STMicroelectronics ST72774 Datasheet HTML 44Page - STMicroelectronics ST72774 Datasheet HTML 45Page - STMicroelectronics ST72774 Datasheet HTML 46Page - STMicroelectronics ST72774 Datasheet HTML 47Page - STMicroelectronics ST72774 Datasheet HTML 48Page - STMicroelectronics ST72774 Datasheet HTML 49Page - STMicroelectronics ST72774 Datasheet HTML 50Page - STMicroelectronics ST72774 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 144 page
background image
ST72774/ST727754/ST72734
47/144
16-BIT TIMER (Cont’d)
4.3.3.4 Output Compare
In this section, the index,
i, may be 1 or 2.
This function can be used to control an output
waveform or indicating when a period of time has
elapsed.
When a match is found between the Output
Compare register and the free running counter, the
output compare function:
– Assigns pins with a programmable value if the
OCIE bit is set
– Sets a flag in the status register
– Generates an interrupt if enabled
Two 16-bit registers Output Compare Register 1
(OC1R) and Output Compare Register 2 (OC2R)
contain the value to be compared to the free
running counter each timer clock cycle.
These registers are readable and writable and are
not affected by the timer hardware. A reset event
changes the OCiR value to 8000h.
Timing resolution is one count of the free running
counter: (
fCPU/(CC1.CC0)).
Procedure
To use the output compare function, select the
following in the CR2 register:
– Set the OC
iE bit if an output is needed then the
OCMP
i pin is dedicated to the output compare i
function.
– Select the timer clock (CC1-CC0) (see Table 15
Clock Control Bits).
And select the following in the CR1 register:
– Select the OLVL
i bit to applied to the OCMPi pins
after the match occurs.
– Set the OCIE bit to generate an interrupt if it is
needed.
When match is found:
– OCF
i bit is set.
– The OCMP
i pin takes OLVLi bit value (OCMPi
pin latch is forced low during reset and stays low
until valid compares change it to a high level).
– A timer interrupt is generated if the OCIE bit is
set in the CR2 register and the I bit is cleared in
the CC register (CC).
Clearing the output compare interrupt request is
done by:
3. Reading the SR register while the OCF
i bit is
set.
4. An access (read or write) to the OC
iLR register.
Note: After a processor write cycle to the OC
iHR register,
the output compare function is inhibited until the
OC
iLR register is also written.
If the OC
iE bit is not set, the OCMPi pin is a
general I/O port and the OLVL
i bit will not appear
when match is found but an interrupt could be
generated if the OCIE bit is set.
The value in the 16-bit OCiR register and the OLV
i
bit should be changed after each successful
comparison in order to control an output waveform
or establish a new elapsed timeout.
The OCiR register value required for a specific
timing application can be calculated using the
following formula:
Where:
∆t
= Desired output compare period (in
seconds)
fCPU
= Internal clock frequency
CC1-CC0 = Timer clock prescaler
The following procedure is recommended to
prevent the OCF
i bit from being set between the
time it is read and the write to the OCiR register:
– Write to the OC
iHR register (further compares
are inhibited).
– Read the SR register (first step of the clearance
of the OCF
i bit, which may be already set).
– Write to the OC
iLR register (enables the output
compare function and clears the OCF
i bit).
MS Byte
LS Byte
OC
iROCiHR
OC
iLR
∆ OCiR = ∆
t * fCPU
(CC1.CC0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com