Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 6Page - STMicroelectronics ST72774 Datasheet HTML 7Page - STMicroelectronics ST72774 Datasheet HTML 8Page - STMicroelectronics ST72774 Datasheet HTML 9Page - STMicroelectronics ST72774 Datasheet HTML 10Page - STMicroelectronics ST72774 Datasheet HTML 11Page - STMicroelectronics ST72774 Datasheet HTML 12Page - STMicroelectronics ST72774 Datasheet HTML 13Page - STMicroelectronics ST72774 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 144 page
background image
ST72774/ST727754/ST72734
10/144
1.3 MEMORY MAP
Figure 3. Memory Map
0000h
HW Registers
03FFh
0060h
005Fh
0400h
Reserved
FFE0h
FFFFh
1000h
0FFFh
60 Kbytes
Short Addressing
RAM (zero page)
0060h
0100h
01FFh
256 Bytes Stack/
16-bit Addressing RAM
1 Kbyte RAM
32 Kbytes
4000h
FFDFh
48 Kbytes
8000h
ROM/EPROM
512 Bytes RAM
Short Addressing
RAM (zero page)
16-bit Addressing
0060h
03FFh
0100h
01FFh
0200h
256 Bytes Stack/
16-bit Addressing RAM
RAM
512 Bytes
(see Table 2)
Interrupt & Reset Vectors *
(see Table 3)
any opcode fetch in those areas is considered as illegal and generates a reset
(*) this block only contains addresses of interrupts and reset routines, no opcode is run from this block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com