Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 25Page - STMicroelectronics ST72774 Datasheet HTML 26Page - STMicroelectronics ST72774 Datasheet HTML 27Page - STMicroelectronics ST72774 Datasheet HTML 28Page - STMicroelectronics ST72774 Datasheet HTML 29Page - STMicroelectronics ST72774 Datasheet HTML 30Page - STMicroelectronics ST72774 Datasheet HTML 31Page - STMicroelectronics ST72774 Datasheet HTML 32Page - STMicroelectronics ST72774 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 144 page
background image
ST72774/ST727754/ST72734
29/144
Figure 16. Input Structure for SYNC signals
4.1.3 Port A
PA7 and PA[2:0] can be defined as Input lines
(with pull-up) or as Push-pull Outputs.
PA [6:3] can be defined as Input lines (without pull-
up) or as Output Open drain lines.
PA7 and PA[2:0] can be defined as Input lines
(with pull-up) or as Push-pull Outputs.
PA [6:3] can be defined as Input lines (without pull-
up) or as Output Open drain lines.
Table 8. Port A Description
Pin
HSYNCI Input
I/O logic (if existing)
TTL trigger
(no pull-up)
Pin
CSYNCI Input
I/O logic (if existing)
TTL trigger
pull-up
VDD
VSYNCI Input
HFBACK Input
VFBACK Input
PORT A
I / O
Alternate Function
Input*
Output
Signal
Condition
PA0
With pull-up
push-pull
OCMP1
OC1E =1
(CR2[TIMER])
PA1
With pull-up
push-pull
-
-
PA2
With pull-up
push-pull
VSYNCI2
VSYNCSEL=1
(MISCR)
PA3
Without pull-up
open-drain
-
-
PA4
Without pull-up
open-drain
-
-
PA5
Without pull-up
open-drain
-
-
PA6
Without pull-up
open-drain
-
-
PA7
With pull-up
push-pull
BLANKOUT
BLKEN = 1
(ENR[SYNC])
*Reset State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com