Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 69Page - STMicroelectronics ST72774 Datasheet HTML 70Page - STMicroelectronics ST72774 Datasheet HTML 71Page - STMicroelectronics ST72774 Datasheet HTML 72Page - STMicroelectronics ST72774 Datasheet HTML 73Page - STMicroelectronics ST72774 Datasheet HTML 74Page - STMicroelectronics ST72774 Datasheet HTML 75Page - STMicroelectronics ST72774 Datasheet HTML 76Page - STMicroelectronics ST72774 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 144 page
background image
ST72774/ST727754/ST72734
73/144
SYNC PROCESSOR (SYNC) (Cont’d)
ENABLE REGISTER (ENR)
Read/Write
Reset Value: 1100 0011 (C3h)
Bit 7 = SYNOP
HSYNCO, VSYNCO outputs
enable
0: Enabled
1: Disabled
Bit 6 = CLMPEN
Clamping or Moire output ena-
ble
0: Clamping or Moire output (function of BP0,
BP1) enabled
1: Clamping or Moire output disabled
Bit 5 = BLKEN
Blanking Output
0: Disabled
1: Enabled
Bit 4 = HVGEN
Sync Generation function
0: Analyzer/Corrector Mode
1: Generation of HSYNCO and VSYNCO free-
running frequencies
Bit 3 = 2FHEN
VSYNCO Extension
VSYNCO is forced high when detecting pre- and
post-equalization pulses. It is valid when the sync
generator and analyzer are disabled (HVGEN = 0,
HACQ = 0, VACQ = 0). Refer to the procedure in
Section 4.4.9 Corrector Mode.
0: Disabled
1: Enabled
Bit 2 = HINH
HSYNCO Blanking
HSYNCO
is
blanked
during
the
extracted
VSYNCO pulse.
0: Enabled
1: Disabled
Bit 1 = HSIN1 (read only)
Returns the HSYNCI1 pin level
Bit 0 = VSIN1 (read only)
Returns the VSYNCI1 pin level
Table 20. Summary of the Main Sync Processor Modes
70
SYNOP CLMPEN BLKEN HVGEN 2FHEN HINH HSIN1 VSIN1
Sync Processor Mode
SYNOP
HVSEL
HVGEN
HACQ
VACQ
DSUB Selected as Inputs
(HSYNCI1/VSYNCI1)
---
1
---
---
---
BNC Selected as Inputs
(HSYNCI2/VSYNCI2)
---
0
---
---
---
Don’t drive the monitor
with any Sync signals
1
---
---
---
---
Generate Sync Signals
to drive the Monitor hardware
0
---
1
0
0
Use the Sync Processor
to drive the monitor hardware
by incoming Sync signals
0
---
0
---
---
Analyse the number of Scan Lines
during one vertical frame
---
--
0
---
1
Analyse the HSYNC delay
between two pulses
---
---
0
1
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com