Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 75Page - STMicroelectronics ST72774 Datasheet HTML 76Page - STMicroelectronics ST72774 Datasheet HTML 77Page - STMicroelectronics ST72774 Datasheet HTML 78Page - STMicroelectronics ST72774 Datasheet HTML 79Page - STMicroelectronics ST72774 Datasheet HTML 80Page - STMicroelectronics ST72774 Datasheet HTML 81Page - STMicroelectronics ST72774 Datasheet HTML 82Page - STMicroelectronics ST72774 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 144 page
background image
ST72774/ST727754/ST72734
79/144
4.6 USB INTERFACE (USB)
4.6.1 Introduction
The USB Interface implements a low-speed
function interface between the USB and the ST7
microcontroller. It is a highly integrated circuit
which
includes
the
transceiver,
3.3
voltage
regulator, SIE and DMA. No external components
are needed apart from the external pull-up on
USBDM for low speed recognition by the USB
host.
4.6.2 Main Features
s
USB Specification Version 1.0 Compliant
s
Supports Low-Speed USB Protocol
s
Two or Three Endpoints (including default one)
depending on the device (see device feature list
and register map)
s
CRC
generation/checking,
NRZI
encoding/
decoding and bit-stuffing
s
USB Suspend/Resume operations
s
DMA Data transfers
s
On-Chip 3.3V Regulator
s
On-Chip USB Transceiver
4.6.3 Functional Description
The block diagram in Figure 50, gives an overview
of the USB interface hardware.
For general information on the USB, refer to the
“Universal Serial Bus Specifications” document
available at http//:www.usb.org.
Serial Interface Engine
The SIE (Serial Interface Engine) interfaces with
the USB, via the transceiver.
The
SIE
processes
tokens,
handles
data
transmission/reception,
and
handshaking
as
required by the USB standard. It also performs
frame formatting, including CRC generation and
checking.
Endpoints
The
Endpoint
registers
indicate
if
the
microcontroller is ready to transmit/receive, and
how many bytes need to be transmitted.
DMA
When a token for a valid Endpoint is recognized by
the USB interface, the related data transfer takes
place, using DMA. At the end of the transaction, an
interrupt is generated.
Interrupts
By
reading
the
Interrupt
Status
register,
application software can know which USB event
has occurred.
Figure 50. USB block diagram
CPU
MEMORY
Transceiver
3.3V
Voltage
Regulator
SIE
ENDPOINT
DMA
INTERRUPT
Address,
and interrupts
USBDM
USBDP
USBVCC
6 MHz
REGISTERS
REGISTERS
data busses
USBGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com