Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 17Page - STMicroelectronics ST72774 Datasheet HTML 18Page - STMicroelectronics ST72774 Datasheet HTML 19Page - STMicroelectronics ST72774 Datasheet HTML 20Page - STMicroelectronics ST72774 Datasheet HTML 21Page - STMicroelectronics ST72774 Datasheet HTML 22Page - STMicroelectronics ST72774 Datasheet HTML 23Page - STMicroelectronics ST72774 Datasheet HTML 24Page - STMicroelectronics ST72774 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 144 page
background image
ST72774/ST727754/ST72734
21/144
RESET (Cont’d)
Figure 10. Low Voltage Detector Functional Diagram
Figure 11. LVD Reset Signal Output
Note: See electrical characteristics section for
values of VTRH, VTRL and VTRM
Figure 12. Reset Timing Diagram
Note: Refer to Electrical Characteristics for values of tDDR, tOXOV and tRL
LVD
RESET
RESPOF
VDD
FROM
WATCHDOG
RESET
RESET
INTERNAL
RESET
VDD
VTRH
VTRL
VTRM
VTRM
VDD
OSCIN
fCPU
FFFF
FFFE
PC
RESET
WATCHDOG RESET
tDDR
tOXOV
4096 CPU
CLOCK
CYCLES
DELAY
tRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com