Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 41Page - STMicroelectronics ST72774 Datasheet HTML 42Page - STMicroelectronics ST72774 Datasheet HTML 43Page - STMicroelectronics ST72774 Datasheet HTML 44Page - STMicroelectronics ST72774 Datasheet HTML 45Page - STMicroelectronics ST72774 Datasheet HTML 46Page - STMicroelectronics ST72774 Datasheet HTML 47Page - STMicroelectronics ST72774 Datasheet HTML 48Page - STMicroelectronics ST72774 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 144 page
background image
ST72774/ST727754/ST72734
45/144
16-BIT TIMER (Cont’d)
4.3.3.3 Input Capture
In this section, the index,
i, may be 1 or 2.
The two input capture 16-bit registers (IC1R and
IC2R) are used to latch the value of the free
running counter after a transition detected by the
ICAP
i pin (see figure 5).
IC
i Rregister is a read-only register.
The active transition is software programmable
through the IEDG
i bit of the Control Register (CRi).
Timing resolution is one count of the free running
counter: (
fCPU/(CC1.CC0)).
Procedure
To use the input capture function select the
following in the CR2 register:
– Select the timer clock (CC1-CC0) (see Table 15
Clock Control Bits).
– Select the edge of the active transition on the
ICAP2 pin with the IEDG2 bit.
And select the following in the CR1 register:
– Set the ICIE bit to generate an interrupt after an
input capture.
– Select the edge of the active transition on the
ICAP1 pin with the IEDG1 bit.
When an input capture occurs:
– ICF
i bit is set.
– The IC
iR register contains the value of the free
running counter on the active transition on the
ICAP
i pin (see Figure 32).
– A timer interrupt is generated if the ICIE bit is set
and the I bit is cleared in the CC register. Other-
wise, the interrupt remains pending until both
conditions become true.
Clearing the Input Capture interrupt request is
done by:
1. Reading the SR register while the ICF
i bit is set.
2. An access (read or write) to the IC
iLR register.
After reading the IC
iHR register, transfer of input
capture data is inhibited until the IC
iLR register is
also read.
The IC
iR register always contains the free running
counter value which corresponds to the most
recent input capture.
MS Byte
LS Byte
IC
iRICiHR
IC
iLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com