Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 5 Page - STMicroelectronics

  ST72774 Datasheet HTML 1Page - STMicroelectronics ST72774 Datasheet HTML 2Page - STMicroelectronics ST72774 Datasheet HTML 3Page - STMicroelectronics ST72774 Datasheet HTML 4Page - STMicroelectronics ST72774 Datasheet HTML 5Page - STMicroelectronics ST72774 Datasheet HTML 6Page - STMicroelectronics ST72774 Datasheet HTML 7Page - STMicroelectronics ST72774 Datasheet HTML 8Page - STMicroelectronics ST72774 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 144 page
background image
ST72774/ST727754/ST72734
5/144
Revision follow-up
Changes applied since version 4.0
Version 4.0
March 2001
Page 1:Addition of 72T774 (32KOTP).
Addition of 60K/48K ROM for ST72754
Deletion of table “ device summary”, replaced with cross reference to table 36 on page 147.
page 13 - addition of section 1.4. external connections
Version 4.1
July 2001
Initial format reapplied, text and related figures in the same page.
Table “Device summary” reinserted in cover page and updated.
Update of table 36: ordering information (p143)
Version 4.2
July 2001
Cover - addition of feature about system protection added,
table for device summary: addition of stack values
page 9 - figure 3: replaced 1KByte with 512 Bytes + notes about opcode fetch and HALT
mode
page 10 - table: CR replaced by WDGCR
TIM replaced with Timer and WDG replaced with Watchdog
page 115 - EDF register: addition of “read from RAM”, EDE: few changes
page 135 - Note 1 replaced, note 2 added SUSpend mode limitation..
Whole document: all mentions of HALT mode either deleted or rewritten.
Version 4.3
October 2001
p140, chapter 8, section 8.1-
code for unused bytes ( FFh) replaced with
9Dh (opcode for NOP)
page 141- update of table 36 “Ordering information”
page 142 - list of available devices updated
page 114 - DDC DCR register: bit 5 = 1, text “or read from RAM” deleted
Version 4.3
November 2001
page 10, one adddress corrected in the figure 3 “memory map”: 0400h
page 14: addition of mandatory 1K resistor (text and figure)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com