Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 100Page - STMicroelectronics ST72774 Datasheet HTML 101Page - STMicroelectronics ST72774 Datasheet HTML 102Page - STMicroelectronics ST72774 Datasheet HTML 103Page - STMicroelectronics ST72774 Datasheet HTML 104Page - STMicroelectronics ST72774 Datasheet HTML 105Page - STMicroelectronics ST72774 Datasheet HTML 106Page - STMicroelectronics ST72774 Datasheet HTML 107Page - STMicroelectronics ST72774 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 144 page
background image
ST72774/ST727754/ST72734
104/144
DDC INTERFACE (Cont’d)
EDID Data structure mapping: An internal
address pointer defines the memory location being
addressed. It is made of two 8-bit registers AHR
and ALR.
AHR is initialized by software. It defines the 256-
byte
block
within
the
64K
address
space
containing the data structure.
ALR is loaded with the data address sent by the
master after a write Device Address. It defines the
byte within the data structure currently addressed.
ALR is reset upon entry into the DDC2B mode.
One exception to this arrangement is when the
CF[1:0] bits = 10b. In this case the two EDID
versions
must
coexist
at
non-overlapping
addresses. The LSB of AHR is therefore ignored
and automatically set to 1 to address the 128-byte
EDID and set to 0 to address its 256-byte
counterpart (see Figure 64).
Figure 64. Mapping of DDC2B data structure
AHR
ALR
0
7
8
15
Addr Pointer
0000h
FFFFh
128-byte Data
Structure
0000h
FFFFh
0000h
FFFFh
ALR
256-byte Data
Structure
128-byte Data
Structure
A0h/A1h
A0h/A1h
A2h/A3h + A6h/A7h
0000h
FFFFh
128-byte Data
Structure
0000h
FFFFh
0000h
FFFFh
ALR
256-byte Data
Structure
128-byte Data
Structure
A0h/A1h
A0h/A1h
A2h/A3h
AHR<7:1>
ALR
0
7
8
15
Addr Pointer
9
1
AHR<7:1>
ALR
0
7
8
15
Addr Pointer
9
0
512
AHR<7:1>
*
256
AHR
*
DDC v2 + P&D mode: CF[1:0] bits = 10b
DDC v2 / P&D / FPDI-2 modes: CF[1:0] bits != 10b
Extended EDID v1 (if present)
Basic EDID v1
Extended EDID v1 (if present)
Basic EDID v1
EDID v2
EDID v2
ALR :
80h -> FFh
ALR :
80h -> FFh
ALR :
00h -> 7Fh
ALR :
00h -> 7Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com