Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19124 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 18Page - Microchip Technology MCP19124 Datasheet HTML 19Page - Microchip Technology MCP19124 Datasheet HTML 20Page - Microchip Technology MCP19124 Datasheet HTML 21Page - Microchip Technology MCP19124 Datasheet HTML 22Page - Microchip Technology MCP19124 Datasheet HTML 23Page - Microchip Technology MCP19124 Datasheet HTML 24Page - Microchip Technology MCP19124 Datasheet HTML 25Page - Microchip Technology MCP19124 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 236 page
background image
MCP19124/5
DS20005619A-page 22
 2016 Microchip Technology Inc.
4.0
ELECTRICAL CHARACTERISTICS
4.1
ABSOLUTE MAXIMUM RATINGS †
VIN – VGND (DC) ...........................................................................................................................................................-0.3V to +44V
VIN (transient < 500 ms)............................................................................................................................................+48V
PDRV ..................................................................................................................................(GND - 0.3V) to (VDR +0.3V)
SDRV ................................................................................................................................. (GND - 0.3V) to (VDR +0.3V)
VDD Internally Generated .........................................................................................................................................+6.5V
VDR Externally Generated..................................................................................................................................... +13.5V
Voltage on MCLR with respect to GND .................................................................................................... -0.3V to +13.5V
Maximum voltage: any other pin ........................................................................................(VGND - 0.3V) to (VDD +0.3V)
Maximum output current sunk by any single I/O pin ...............................................................................................25 mA
Maximum output current sourced by any single I/O pin ..........................................................................................25 mA
Maximum current sunk by all GPIO........................................................................................................................ 90 mA
Maximum current sourced by all GPIO ...................................................................................................................35 mA
Storage Temperature...............................................................................................................................-65°C to +150°C
Maximum Junction Temperature ...........................................................................................................................+150°C
Operating Junction Temperature.............................................................................................................-40°C to +125°C
ESD protection on all pins (CDM) .......................................................................................................................... 2.0 kV
ESD protection on all pins (HBM)........................................................................................................................... 1.0 kV
ESD protection on all pins (MM)............................................................................................................................... 200V
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.
4.2
Electrical Characteristics
Electrical Specifications: Unless otherwise noted, VIN =12V, FSW = 150 kHz, TA =+25°C. Boldface specifications
apply over the TA range of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input
Input Voltage
VIN
4.5
—
42
V
Input Quiescent
Current
IQ
—5
10
mA
VIN = 12V, Not switching
—5
10
VIN = 20V, Not switching
Shutdown Current
ISHDN
—35
80
µA
VIN =12V
(Note 1)
Linear Regulator VDD
Internal Circuitry Bias
Voltage
VDD
4.75
5.1
5.5
VVIN = 6.0V to 42V
Maximum External
VDD Output Current
IDD_OUT
35
——
mA
VIN = 6.0V to 42V
(Note 2)
Internal Circuitry Bias
Voltage during SLEEP
VDD_SLEEP
2.8
—
4.0
VVIN = 4.5V to 42V
IDD_OUT = 1mA
Note 1:
Refer to Section 14.0 “Power-Down Mode (Sleep)”.
2: VDD is the voltage present at the VDD pin.
3: Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2%
below its nominal value measured at a 1V differential between VIN and VDD.
4: Ensured by design, not production tested.
5: These parameters are characterized, but not production tested.
6: The VDD LDO will limit the total source current to a maximum of 35 mA. Individually each pin can source a
maximum of 15 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com