Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19124 Datasheet(PDF) 60 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 60 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 56Page - Microchip Technology MCP19124 Datasheet HTML 57Page - Microchip Technology MCP19124 Datasheet HTML 58Page - Microchip Technology MCP19124 Datasheet HTML 59Page - Microchip Technology MCP19124 Datasheet HTML 60Page - Microchip Technology MCP19124 Datasheet HTML 61Page - Microchip Technology MCP19124 Datasheet HTML 62Page - Microchip Technology MCP19124 Datasheet HTML 63Page - Microchip Technology MCP19124 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 236 page
background image
MCP19124/5
DS20005619A-page 60
 2016 Microchip Technology Inc.
9.2
Calibration Word 2
Calibration Word 2 is at memory location 2081h. It
contains the calibration bits for the desaturation
comparator current measurement input offset voltage.
Firmware must read these values and write them into
the DSTCAL register to implement the factory offset
calibration. The factory offset calibration will minimize
offset voltage. The desaturation comparator is one of
the few examples where the user may want to
implement their own offset voltage values. Writing user
defined values to the DSTCAL register provides this
flexibility. Firmware must read these values and copy
into the DSTCAL Special Function Register located in
Bank 3 at 196h to implement factory calibration values.
REGISTER 9-2:
CALWD2: CALIBRATION WORD 2 REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
bit 13
bit 8
U-0
U-0
U-0
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—
—
—
DST4
DST3
DST2
DST1
DST0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’
= Bit is cleared
x = Bit is unknown
bit 13-5
Unimplemented: Read as ‘0’
bit 4-0
DST<4:0>: Desaturation Comparator Current Measure Offset Calibration bits
11111
= Maximum negative offset calibration (-30 mV)
•
•
•
10000
= Mid scale (0 mV)
00000
= Mid scale (0 mV)
•
•
•
01111
= Maximum positive offset calibration (+30 mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com