Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19124 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 37Page - Microchip Technology MCP19124 Datasheet HTML 38Page - Microchip Technology MCP19124 Datasheet HTML 39Page - Microchip Technology MCP19124 Datasheet HTML 40Page - Microchip Technology MCP19124 Datasheet HTML 41Page - Microchip Technology MCP19124 Datasheet HTML 42Page - Microchip Technology MCP19124 Datasheet HTML 43Page - Microchip Technology MCP19124 Datasheet HTML 44Page - Microchip Technology MCP19124 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 41
MCP19124/5
6.2
Output Overvoltage Protection
The
MCP19124/5
feature
output
overvoltage
protection. In order to utilize this OV protection circuitry,
the voltage regulation error amplifier (EA2) must be
disabled by setting the EN2DIS bit in the ABECON
register. When the EA2 is disabled, the OV protection
feature utilizes a comparator module similar to the
standard PIC comparator module. This is used to
prevent the power system from being damaged when
the load is disconnected. The OVREFCON register
contains the digital value that sets the analog DAC
voltage at the inverting input of the comparator. By
comparing the divided down power train output voltage
connected to the noninverting input (VS) of the
comparator with the OVREF reference voltage, the user
can determine when an overvoltage event has
occurred and can automatically take action.
The OVCON register contains the interrupt flag polarity
and OV enable bits along with the output status bit just
as VINCON does for the input voltage UVLO and
OVLO. When OVEN bit in the OVCON register is set
and an overvoltage occurs, the control logic will
automatically set the secondary gate drive output
(SDRV) high and set the primary gate drive output
(PDRV) low.
Note:
The OVIF interrupt flag bit is set when an
interrupt condition occurs, regardless of
the state of its corresponding enable bit or
the Global Enable bit (GIE) in the INTCON
register.
REGISTER 6-4:
OVCON: OUTPUT OVERVOLTAGE COMPARATOR CONTROL REGISTER
U-0
U-0
U-0
U-0
R/W-0
R-0
R/W-0
R/W-0
—
—
—
—
OVEN
OVOUT
OVINTP
OVINTN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
bit 7-4
Unimplemented: Read as ‘0’
bit 3
OVEN: OV Comparator output enable bit
1
= OV Comparator output is enabled
0
= OV Comparator output is not enabled
bit 2
OVOUT: Output Overvoltage Status Output bit
1
= Output Overvoltage has occurred
0
= No Output Overvoltage has occurred
bit 1
OVINTP: OV Comparator Interrupt on Positive Going Edge Enable bit
1
= The OVIF interrupt flag will be set upon a positive going edge of the OV
0
= No OVIF interrupt flag will be set upon a positive going edge of the OV
bit 0
OVINTN: OV Comparator Interrupt on Negative Going Edge Enable bit
1
= The OVIF interrupt flag will be set upon a negative going edge of the OV
0
= No OVIF interrupt flag will be set upon a negative going edge of the OV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com