Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19124 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 31Page - Microchip Technology MCP19124 Datasheet HTML 32Page - Microchip Technology MCP19124 Datasheet HTML 33Page - Microchip Technology MCP19124 Datasheet HTML 34Page - Microchip Technology MCP19124 Datasheet HTML 35Page - Microchip Technology MCP19124 Datasheet HTML 36Page - Microchip Technology MCP19124 Datasheet HTML 37Page - Microchip Technology MCP19124 Datasheet HTML 38Page - Microchip Technology MCP19124 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 35
MCP19124/5
FIGURE 5-6:
TIMER0 AND TIMER1 EXTERNAL CLOCK TIMING
TABLE 5-3:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER REQUIREMENTS
Param.
No.
Sym.
Characteristic
Min.
Typ.†
Max. Units
Conditions
30
TMCL
MCLR Pulse Width (low)
2
—
—
µs
VDD = 5 V, -40°C to +85°C
31
TWDT
Watchdog Timer Time-Out
Period (No Prescaler)
718
33
ms
VDD = 5 V, -40°C to +85°C
32
TOST
Oscillation Start-Up Timer
Period
—
1024TOSC
——
TOSC = OSC1 period
33*
TPWRT
Power-up Timer Period
(4 x TWDT)
28
72
132
ms
VDD = 5 V, -40°C to +85°C
34
TIOZ
I/O high impedance from
MCLR Low or Watchdog
Timer Reset
——
2.0
µs
VBOR
Brown-out Reset voltage
—
2.7
—
V
VDD Falling
BVHY
Brown-out Hysteresis
—
100
—
mV
35
TBCR
Brown-out Reset pulse width
100*
—
—
µs
VDD  VBOR (D005)
48
TCKEZTMR Delay from clock edge to
timer increment
2TOSC
—7TOSC
* These parameters are characterized but not tested.
† Data in “Typ.” column is at VIN =12V (VDD =AVDD = 5V), 25°C unless otherwise stated. These parameters
are for design guidance only and are not tested.
41
42
40
T0CKI
TMR0
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com