Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19124 Datasheet(PDF) 76 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 76 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 72Page - Microchip Technology MCP19124 Datasheet HTML 73Page - Microchip Technology MCP19124 Datasheet HTML 74Page - Microchip Technology MCP19124 Datasheet HTML 75Page - Microchip Technology MCP19124 Datasheet HTML 76Page - Microchip Technology MCP19124 Datasheet HTML 77Page - Microchip Technology MCP19124 Datasheet HTML 78Page - Microchip Technology MCP19124 Datasheet HTML 79Page - Microchip Technology MCP19124 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 236 page
background image
TABLE 10-4:
MCP19124/5 SPECIAL REGISTERS SUMMARY BANK 2
Addr.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on POR Reset
Value on all other resets (1)
Bank 2
100h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
xxxx xxxx
101h
TMR0
Timer0 Module’s Register
xxxx xxxx
uuuu uuuu
102h
PCL
Program Counter's (PC) Least Significant byte
0000 0000
0000 0000
103h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
104h
FSR
Indirect data memory address pointer
xxxx xxxx
uuuu uuuu
105h
WPUGPA
—
—WPUA5
—
WPUA3
WPUA2
WPUA1
WPUA0
--1- 1111
--u- uuuu
106h
WPUGPB
WPUB7
WPUB6
WPUB5
WPUB4
—
—WPUB1
—
1111 --1-
uuuu --u-
107h
PE1
PDRVEN
SDRVEN
PDRVBY
SDRVBY
—
ISPUEN
PWMSTR_PEN PWMSTR_SEN
0000 -100
0000 -100
108h
MODECON
MSC1
MSC0
—
—MSC2
—
—
—
00-- 0---
00-- 0---
109h
ABECON
DIGOEN
DSEL2
DSEL1
DSEL0
DRUVSEL
EA2DIS
EA1DIS
ANAOEN
0000 0000
0000 0000
10Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of program counter
---0 0000
---0 0000
10Bh
INTCON
GIE
PEIE
T0IE
INTE
IOCE
T0IF
INTF
IOCF (2)
0000 000x
0000 000u
10Ch
—
Reserved
—
—
10Dh
VEAOFFCAL
—
VEAOFFCAL6 VEAOFFCAL5 VEAOFFCAL4 VEAOFFCAL3 VEAOFFCAL2 VEAOFFCAL1
VEAOFFCAL0
-xxx xxxx
-uuu uuuu
10Eh
—
Unimplemented
—
—
10Fh
—
Unimplemented
—
—
110h
SSPADD
ADD<7:0>
0000 0000
0000 0000
111h
SSPBUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx
uuuu uuuu
112h
SSPCON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
0000 0000
0000 0000
113h
SSPCON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000
0000 0000
114h
SSPCON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
0000 0000
0000 0000
115h
SSPMSK1
MSK<7:0>
1111 1111
1111 1111
116h
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
——
117h
SSPADD2
ADD2<7:0>
0000 0000
0000 0000
118h
SSPMSK2
MSK2<7:0>
1111 1111
1111 1111
119h
VRSPCAL
—
—
—
VRSPCAL4
VRSPCAL3
VRSPCAL2
VRSPCAL1
VRSPCAL0
---x xxxx
---u uuuu
11Ah
VR2SPCAL
—
—
—
VR2SPCAL4
VR2SPCAL3
VR2SPCAL2
VR2SPCAL1
VR2SPCAL0
---x xxxx
---u uuuu
11Bh
—
Unimplemented
—
—
11Ch
—
Unimplemented
—
—
11Dh
—
Unimplemented
—
—
11Eh
—
Unimplemented
—
—
11Fh
—
Unimplemented
—
—
Legend:
— = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
Other (non power-up) resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
MCLR and WDT reset does not affect the previous value data latch. The IOCF bit will be cleared upon reset but will be set again if the mismatch exists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com