Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19124 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 28Page - Microchip Technology MCP19124 Datasheet HTML 29Page - Microchip Technology MCP19124 Datasheet HTML 30Page - Microchip Technology MCP19124 Datasheet HTML 31Page - Microchip Technology MCP19124 Datasheet HTML 32Page - Microchip Technology MCP19124 Datasheet HTML 33Page - Microchip Technology MCP19124 Datasheet HTML 34Page - Microchip Technology MCP19124 Datasheet HTML 35Page - Microchip Technology MCP19124 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 236 page
background image
MCP19124/5
DS20005619A-page 32
 2016 Microchip Technology Inc.
FIGURE 5-1:
LOAD CONDITIONS
5.2
AC Characteristics: MCP19124 (Industrial, Extended)
FIGURE 5-2:
EXTERNAL CLOCK TIMING
TABLE 5-1:
EXTERNAL CLOCK TIMING REQUIREMENTS
Param.
No.
Sym.
Characteristic
Min.
Typ.†
Max.
Units
Conditions
—FOSC Oscillator Frequency (1)
—8
—
MHz
1TOSC Oscillator Period (1)
—
250
—
ns
2TCY Instruction Cycle Time (1)
—TCY
ns
TCY = 4xTOSC
* These parameters are characterized but not tested.
† Data in “Typ.” column is at VIN = 12V (VDD = 5V), 25°C unless otherwise stated. These parameters are for
design guidance only and are not tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values
are based on characterization data for that particular oscillator type under standard operating conditions
with the device executing code.
VDD/2
CL
RL
Pin
Pin
AGND
AGND
CL
RL =464
CL = 50 pF for all GPIO pins
Load Condition 1
Load Condition 2
OSC
Q4
Q1
Q2
Q3
Q4
Q1
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com